Electronic Components Datasheet Search
  English  ▼

X  

TDA9116 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA9116
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9116 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA9116 Datasheet HTML 11Page - STMicroelectronics TDA9116 Datasheet HTML 12Page - STMicroelectronics TDA9116 Datasheet HTML 13Page - STMicroelectronics TDA9116 Datasheet HTML 14Page - STMicroelectronics TDA9116 Datasheet HTML 15Page - STMicroelectronics TDA9116 Datasheet HTML 16Page - STMicroelectronics TDA9116 Datasheet HTML 17Page - STMicroelectronics TDA9116 Datasheet HTML 18Page - STMicroelectronics TDA9116 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
TDA9116
15/47
Note 19:
KEYST at medium (neutral) value.
Note 20:
TCC at medium (neutral) value.
Note 21:
BCC at medium (neutral) value.
Note 22:
PCC at minimum value.
Note 23:
VPOS at medium (neutral) value.
Note 24:
HSIZE at minimum value.
Note 25: Defined as difference of (voltage at tVR=0) minus (voltage at tVR=1/2 TVR).
Note 26: Defined as difference of (voltage at tVR=TVR) minus (voltage at tVR=1/2 TVR).
Note 27:
VSIZE at maximum value.
Note 28: Difference (voltage at tVR=0) minus (voltage at tVR=TVR).
Note 29: Ratio "A/B"of parabola component voltage at tVR=0 versus parabola component voltage at tVR=TVR.
Note 30: VHEHT>VRefO, VVEHT>VRefO
Note 31: VEW-AC is sum of all components other than VEW-DC (contribution of PCC, keystone correction and corner
corrections).
Note 32: More precisely tracking with voltage on HPLL1F pin which itself depends on frequency at a rate given by
external components on PLL1 pins. VEW[fmax] is the value at condition VHO>VHOThrfr.
7.7 - DYNAMIC CORRECTION OUTPUT SECTION
VCC = 12V, Tamb = 25°C
Note 33: Ratio "A/B"of vertical parabola component voltage at tVR=0 versus vertical parabola component voltage at
tVR=TVR.
Note 34: Unsigned value. Polarity selection by
VDyCorPol I2C Bus bit. Refer to section I2C Bus control register map.
Breathing compensation on
VEW-AC
(31)
(25)(26)
VHEHT>VRefO
VHEHT(min)≤VHEHT≤VRefO
0
1.75
%/V
%/V
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
V
EW
AC
–
∆
V
EW
AC
–
V
HEHT
∆
⋅
-----------------------------------------------------
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
Vertical Dynamic Correction output VDyCor
IVDyCor
Current delivered by VDyCor out-
put
-1.5
0
mA
VVD-DC
DC component of the drive signal
on VDyCor output
RL(VDyCor)=10kΩ
4
V
IV
VD-VI
Amplitude of V-parabola on VDy-
Cor output(34)
(23)
VSIZE
at medium
VDC-AMP (Sad15h):
x0000000b
x1000000b
x1111111b
VDC-AMP at maximum
VSIZE (Sad07):
x0000000b
x1111111b
0
0.5
1
0.6
1.6
V
V
V
V
V
Tracking of V-parabola on VDyCor
output with vertical position (33)
VDC-AMP at maximum
VPOS (Sad08):
x0000000b
x1111111b
0.52
1.92
V
VD
V
–
t
vr
0
=
[]
V
VD
V
–
t
vr
T
VR
=
[]
--------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com