Electronic Components Datasheet Search
  English  ▼

X  

TDA9116 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA9116
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9116 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA9116 Datasheet HTML 13Page - STMicroelectronics TDA9116 Datasheet HTML 14Page - STMicroelectronics TDA9116 Datasheet HTML 15Page - STMicroelectronics TDA9116 Datasheet HTML 16Page - STMicroelectronics TDA9116 Datasheet HTML 17Page - STMicroelectronics TDA9116 Datasheet HTML 18Page - STMicroelectronics TDA9116 Datasheet HTML 19Page - STMicroelectronics TDA9116 Datasheet HTML 20Page - STMicroelectronics TDA9116 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
TDA9116
17/47
7.9 - MISCELLANEOUS
VCC = 12V, Tamb = 25°C
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
Vertical blanking and horizontal lock indication composite output HLckVBk
ISinkLckBk
Sink current to HLckVBk pin
(39)
100
µA
VOLckBk
Output voltage on HLckVBk output
0.1
1.1
5
6
V
V
V
V
Horizontal moiré canceller
Modulation of TH by H-moiré function
HMoiMode=0 (internal)
HMOIRE (Sad02):
x0000000b
x1111111b
0
0.04
%
%
VAC-HMoiré
H-moiré pulse amplitude on HMoiré pin
HMoiMode=1 (external)
Rext=10k
Ω
HMOIRE (Sad02):
x0000000b
x1111111b
0.1
2.1
V
V
VDC-HMoiré
DC level on HMoiré pin
HMoiMode=0 (internal)
Rext=10k
Ω
VOLCTRL (Sad04):
x0000000b
x1111111b
HMoiMode=1 (external)
Rext=10k
Ω
0.1
5
0.1
V
V
V
Vertical moiré canceller
VV-moiré
Amplitude of modulation of V-drive sig-
nal on VOut pin by vertical moiré.
VMOIRE (Sad0Bh):
x0000000b
x1111111b
0
3
mV
mV
Protection functions
VThrXRay
Input threshold on XRay input(40)
7.65
7.9
8.2
V
tXRayDelay
Delay time between XRay detection
event and protection action
2TH
VCCEn
VCC value for start of operation at VCC
ramp-up(41)
8.5
V
VCCDis
VCC value for stop of operation at VCC
ramp-down(41)
6.5
V
Control voltages on HPosF pin for Soft start/stop operation(18)(42)
VHOn
Threshold for start/stop of H-drive sig-
nal
1
V
VBOn
Threshold for start/stop of B-drive sig-
nal
1.7
V
VHBNorm f
Threshold for full operational duty cycle
of H-drive and B-drive signals
2.4
VHPos
Voltage on HPosF pin as function of ad-
justment of
HPOS register
Normal operation
HPOS (Sad01)
0000000xb
1111111xb
4.0
2.8
V
V
V.blank
H.lock
No
Yes
Yes
Yes
No
No
Yes
No
T
HH
moire
–
()
∆
T
H
---------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com