Electronic Components Datasheet Search
  English  ▼

X  

11C06 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 11C06
Description  750 MHz D-Type Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

11C06 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  11C06 Datasheet HTML 1Page - National Semiconductor (TI) 11C06 Datasheet HTML 2Page - National Semiconductor (TI) 11C06 Datasheet HTML 3Page - National Semiconductor (TI) 11C06 Datasheet HTML 4Page - National Semiconductor (TI) 11C06 Datasheet HTML 5Page - National Semiconductor (TI) 11C06 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Functional Description
While the clock is LOW the slave is held steady and the
information on the D input is permitted to enter the master
The next transition from LOW to HIGH locks the master in
its present state making it insensitive to the D input This
transition simultaneously connects the slave to the master
causing the new information to appear on the outputs Mas-
ter and slave clock thresholds are internally offset in oppo-
site directions to avoid race conditions or simultaneous
master-slave changes when the clock has slow rise or fall
times
The CP and CE inputs are logically identical but physical
constraints associated with the Dual-In-Line package make
the CE input slower at the upper end of the toggle range To
prevent new data from entering the master on the next CP
LOW cycle CE should go HIGH while CP is still HIGH
TLF9890 – 4
RT e 50X termination of scope
L1 e 50X impedance lines
All input transition times are 20 ns g02 ns
FIGURE 1 Propagation Delay (CP to Q)
TLF9890 – 5
RT e 50X termination of scope
L1 e 50X impedance lines
Adjust VBIAS for a07V baseline of
800 mV peak-to-peak sinewave input
All input transition times are 20 ns g02 ns
FIGURE 2 Toggle Frequency Test Circuit
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com