Electronic Components Datasheet Search
  English  ▼

X  

11C06 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 11C06
Description  750 MHz D-Type Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

11C06 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  11C06 Datasheet HTML 1Page - National Semiconductor (TI) 11C06 Datasheet HTML 2Page - National Semiconductor (TI) 11C06 Datasheet HTML 3Page - National Semiconductor (TI) 11C06 Datasheet HTML 4Page - National Semiconductor (TI) 11C06 Datasheet HTML 5Page - National Semiconductor (TI) 11C06 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
Above which the useful life may be impaired
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Maximum Junction Temperature (TJ)
a
150 C
Supply Voltage Range
b
70V to GND
Input Voltage (DC)
VEE to GND
Output Current (DC Output HIGH)
b
50 mA
Operating Range
b
57V to b47V
Lead Temperature (Soldering 10 sec)
300 C
Recommended Operating
Conditions
Min
Typ
Max
Supply Voltage (VEE)
b
57V
b
52V
b
47V
Ambient Temperature (TA)0 C
a
75 C
DC Electrical Characteristics
VEE eb52V VCC e GND
Symbol
Parameter
Min
Typ
Max
Units
TA
Conditions
VOH
Output Voltage HIGH
b
1000
b
840
mV
0 CVIN e VIH (Max) or VIL (Min) per Truth
b
960
b
810
mV
a
25 C
Table Loading 50X to b2V
b
900
b
720
mV
a
75 C
VOL
Output Voltage LOW
b
1870
b
1635
mV
0 C
b
1850
b
1620
mV
a
25 C
b
1830
b
1595
mV
a
75 C
VOHC
Output Voltage HIGH
b
1020
mV
0 CVIN e VIH (Min) or VIL (Max) for Dn Inputs
b
980
mV
a
25 C
Loading 50X to b2V
b
920
mV
a
75 C
VOLC
Output Voltage LOW
b
1615
mV
0 C
b
1600
mV
a
25 C
b
1575
mV
a
75 C
VIH
Input Voltage HIGH
b
1135
b
840
mV
0 C
Guaranteed Input Voltage HIGH
b
1095
b
810
mV
a
25 C
for All Inputs
b
1035
b
720
mV
a
75 C
VIL
Input Voltage LOW
b
1870
b
1500
mV
0 C
Guaranteed Input Voltage LOW
b
1850
b
1485
mV
a
25 C
for All Inputs
b
1830
b
1460
mV
a
75 C
IIH
Input Current HIGH
VIN e VIH (Max)
Clock Input
250
m
A
a
25 C
Data Input
270
m
A
a
25 C
IIL
Input Current LOW
05
m
A
a
25 CVIN e VIH (Min)
IEE
Power Supply Current
b
59
b
40
mA
a
25 C
All Inputs Open
AC Electrical Characteristics
VEE eb52V VCC e GND TA ea25 C
Symbol
Parameter
Min
Typ
Max
Units
Conditions
tPHL
Propagation Delay (CP-Q)
07
10
12
ns
tPLH
Propagation Delay (CP-Q)
07
10
12
ns
tTLH
Transition Time 20% to 80%
05
08
10
ns
See
Figure 1
tTHL
Transition Time 80% to 20%
05
08
10
ns
tS
Set-up Time
02
ns
tH
Hold Time
02
ns
fTOG (MAX)
Toggle Frequency (CP)
650
750
MHz
See
Figure 2 Note
Note
The device is guaranteed for fTOG (CP) t 600 MHz fTOG(CE) t 550 MHz over the 0 Cto a75 C temperature range
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com