Electronic Components Datasheet Search
  English  ▼

X  

PCM-400 Datasheet(PDF) 5 Page - CUI INC

Part # PCM-400
Description  AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCM-400 Datasheet(HTML) 5 Page - CUI INC

  PCM-400 Datasheet HTML 1Page - CUI INC PCM-400 Datasheet HTML 2Page - CUI INC PCM-400 Datasheet HTML 3Page - CUI INC PCM-400 Datasheet HTML 4Page - CUI INC PCM-400 Datasheet HTML 5Page - CUI INC PCM-400 Datasheet HTML 6Page - CUI INC PCM-400 Datasheet HTML 7Page - CUI INC PCM-400 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
cui.com
date 12/02/2014
page 5 of 8
CUI Inc
│ SERIES: PCM-400 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL DRAWING - SINGLE OUTPUT MODELS (CONTINUED)
CFS
units: mm[inch]
units: mm[inch]
CF
CN1
PIN
Function
1
PG
2
RTN
3
FF
4
INH
CN2
Terminal Block
Header
PIN
Function
PIN
Function
1~2
+Vo
1~5
+Vo
3~4
-Vo
6~10
-Vo
5
GND
12
GND
6
N
14
N
7
L
16
L
Fan1
PIN
Function
1
+FAN
2
-FAN
CN1
PIN
Function
1
PG
2
RTN
3
FF
4
INH
CN2
Terminal Block
Header
PIN
Function
PIN
Function
1~2
+Vo
1~5
+Vo
3~4
-Vo
6~10
-Vo
5
GND
12
GND
6
N
14
N
7
L
16
L
Fan1
PIN
Function
1
+FAN
2
-FAN
Notes:
1. CN1 mates with JST XHP-4 or equivalent (CHYAO SHIUNN JS-2001-04) and JST SXH-002T-P0.6 mating pins (30~26 AWG).
2. CN2: Terminal Block option is Howder Part No. HD-121-7P. Header option mates with JST VHR-5 (input) and VHR-10 (output).
3. Fan drive connector (Fan1) mates with JST Part No. XHP-2 or equivalent (CHYAO SHIUNN JS-2001-02).
4. Mounting hole max screw depth is 2.0mm (M4x0.7 Inserts).
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com