Electronic Components Datasheet Search
  English  ▼

X  

PCM-400 Datasheet(PDF) 1 Page - CUI INC

Part # PCM-400
Description  AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCM-400 Datasheet(HTML) 1 Page - CUI INC

  PCM-400 Datasheet HTML 1Page - CUI INC PCM-400 Datasheet HTML 2Page - CUI INC PCM-400 Datasheet HTML 3Page - CUI INC PCM-400 Datasheet HTML 4Page - CUI INC PCM-400 Datasheet HTML 5Page - CUI INC PCM-400 Datasheet HTML 6Page - CUI INC PCM-400 Datasheet HTML 7Page - CUI INC PCM-400 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
cui.com
date 12/02/2014
page 1 of 8
SERIES: PCM-400
│ DESCRIPTION: AC-DC POWER SUPPLY
PART NUMBER KEY
PCM-400 - X XX - XXX - X
Base Number
Output Voltage
Output
“blank” = Single
D = Dual
Chassis
U = U-frame
CNF = enclosed
CF = enclosed with top fan
CFS = enclosed with rear fan
FEATURES
• up to 400 W continuous power
• universal input (90~264 Vac)
• active power factor correction
• peak power of 700W for 500µs duration (single output models only)
• built-in remote ON/OFF, power good, & fan fail alarm options
• over voltage, short circuit, over current, and
over temperature protection
• efficiency up to 87%
Input/Output Connectors
“blank” = terminal block
1 = header
MODEL
preset
output
voltage
customizable
output
range7
output
current
output
power
ripple
and noise8,9
efficiency
(Vdc)
(Vdc)
max
(forced air)
(A)
max
(convection)
(A)
max
(W)
max
(mVp-p)
typ
(%)
PCM-400-121,2
12
10~13.8
33.33
18.33
400
120
85
PCM-400-151,2
15
14~15.5
26.67
14.67
400
150
85
PCM-400-181,2
18
16~20
22.22
12.22
400
180
85
PCM-400-241,2
24
21~26
16.67
9.17
400
240
87
PCM-400-281,2
28
27~34
14.29
7.86
400
280
85
PCM-400-361,2
36
35~42
11.11
6.11
400
360
87
PCM-400-481,2
48
43~50
8.33
4.58
400
480
87
PCM-400-541,2
54
51~60
7.41
4.07
400
540
87
PCM-400-D05123,4
Vo1
Vo2
5
12
N/A
30
20.83
15
13.33
320
50
120
87
PCM-400-D05243,4
Vo1
Vo2
5
24
N/A
30
10.42
15
6.67
320
50
240
87
PCM-400-D05483,4
Vo1
Vo2
5
48
N/A
30
5.21
15
3.33
320
50
480
87
PCM-400-D12245,6
Vo1
Vo2
12
24
N/A
20.83
10.42
12.5
8.33
400
120
240
87
Notes:
1. For U-frame models, the maximum output power is 400W with a minimum of 27 CFM forced air, 220 W maximum with convection cooling.
2. For CNF models, the maximum output is 220 W with convection cooling.
3. For U-frame models, the total combined output power is 320W with a minimum of 27 CFM forced air, 180 W maximum with convection cooling.
4. For CNF models, the maximum output is 180 W with convection cooling.
5. For U-frame models, the total combined output power is 400W with a minimum of 27 CFM forced air, 200 W maximum with convection cooling.
6. For CNF models, the maximum output is 200 W with convection cooling.
7. Output can be custom set within range.
8. Measured at 10 kHz ~ 20 MHz bandwidth, with a 22 µF electrolytic and 0.1 µF ceramic capacitor on the output.
9. 1% minimum load is required to maintain ripple and regulation (10% for dual output models).
For more information, please visit the product page.


Similar Part No. - PCM-400

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCM-400 CUI-PCM-400 Datasheet
978Kb / 8P
AC-DC POWER SUPPLY
01/10/2022
PCM-400-12 CUI-PCM-400-12 Datasheet
978Kb / 8P
AC-DC POWER SUPPLY
01/10/2022
PCM-400-15 CUI-PCM-400-15 Datasheet
978Kb / 8P
AC-DC POWER SUPPLY
01/10/2022
PCM-400-18 CUI-PCM-400-18 Datasheet
978Kb / 8P
AC-DC POWER SUPPLY
01/10/2022
PCM-400-24 CUI-PCM-400-24 Datasheet
978Kb / 8P
AC-DC POWER SUPPLY
01/10/2022
More results

Similar Description - PCM-400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com