Electronic Components Datasheet Search
  English  ▼

X  

CLC406 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC406
Description  Wideband, Low Power Monolithic Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC406 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC406 Datasheet HTML 1Page - National Semiconductor (TI) CLC406 Datasheet HTML 2Page - National Semiconductor (TI) CLC406 Datasheet HTML 3Page - National Semiconductor (TI) CLC406 Datasheet HTML 4Page - National Semiconductor (TI) CLC406 Datasheet HTML 5Page - National Semiconductor (TI) CLC406 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s
160MHz small signal bandwidth
s
50mW power (±5Vsupplies)
s
0.02%/0.02° differential gain/phase
s
12ns settling to 0.05%
s
1500V/
µs slew rate
s
2.2ns rise and fall time (2Vpp)
s
70mA output current
Applications
s
Video distribution amp
s
HDTV amplifier
s
Flash A/D driver
s
D/A transimpedance buffer
s
Pulse amplifier
s
Photodiode amp
s
LAN amplifier
General Description
CLC406
Wideband, Low Power Monolithic Op Amp
N
June 1999
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
CLC406AJP
-40°C to +85°C
8-pin plastic DIP
CLC406AJE
-40°C to +85°C
8-pin plastic SOIC
CLC406AJM5 -40°C to +85°C
5-pin SOT
Pinout
DIP & SOIC
Vinv
VCC
VEE
Vo
Vnon-inv
Pinout
SOT23-5


Similar Part No. - CLC406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLC40 ETC-CLC40 Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L05 ETC-CLC40-L05 Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L15 ETC-CLC40-L15 Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L50 ETC-CLC40-L50 Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-S ETC-CLC40-S Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
More results

Similar Description - CLC406

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC400 NSC-CLC400 Datasheet
392Kb / 6P
Fast Settling, Wideband Low-Gain Monolithic Op Amp
CLC409 NSC-CLC409 Datasheet
403Kb / 10P
Very Wideband, Low Distortion Monolithic Op Amp
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
Quad, Wideband Monolithic Op Amp
CLC431 NSC-CLC431 Datasheet
863Kb / 8P
Dual Wideband Monolithic Op Amp with Disable
CLC449 NSC-CLC449 Datasheet
748Kb / 12P
1.1GHz Ultra-Wideband Monolithic Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
Low Distortion Wideband Op Amp
logo
Texas Instruments
CLC400 TI1-CLC400 Datasheet
507Kb / 11P
Fast Settling, Wideband Low Gain Monolithic Op Amp
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
Very Wideband, Low Distortion Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com