Electronic Components Datasheet Search
  English  ▼

X  

CLC406 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC406
Description  Wideband, Low Power Monolithic Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC406 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC406 Datasheet HTML 1Page - National Semiconductor (TI) CLC406 Datasheet HTML 2Page - National Semiconductor (TI) CLC406 Datasheet HTML 3Page - National Semiconductor (TI) CLC406 Datasheet HTML 4Page - National Semiconductor (TI) CLC406 Datasheet HTML 5Page - National Semiconductor (TI) CLC406 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CLC406 Electrical Characteristics (Av = +6, V
cc = ±5V, RL = 100Ω,R
f = 500Ω; unless specified)
Absolute Maximum Ratings
Miscellaneous Ratings
http://www.national.com
2
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
EDS rating (human body model)
2000V
Package Thermal Resistance
Package
θ
JC
θ
JA
AJP
70°C/W
125°C/W
AJE
65°C/W
145°C/W
AJM5
130°C/W
150°C/W
Reliability Information
Transistor count
34



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com