Electronic Components Datasheet Search
  English  ▼

X  

VLD24 Datasheet(PDF) 3 Page - CUI INC

Part # VLD24
Description  LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLD24 Datasheet(HTML) 3 Page - CUI INC

  VLD24 Datasheet HTML 1Page - CUI INC VLD24 Datasheet HTML 2Page - CUI INC VLD24 Datasheet HTML 3Page - CUI INC VLD24 Datasheet HTML 4Page - CUI INC VLD24 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VLD24 │ DESCRIPTION: LED DRIVER
date
04/17/2012 │ page 3 of 5
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
0.897 x 0.401 x 0.374 (22.80 x 10.2 x 9.5 mm)
inch
case material
plastic (UL94-V0)
weight
3.5
g
22.80(0.897)
4.10(0.161)
17.78(0.700)
10.20
(0.401)
7.62
1
4
2
3
(0.300)
5
6
Top view,grid:2.54mm(0.1inch),
diameter:1.00mm (0.039inch)
Bottom View
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
FUNCTION
COMMENTS
1
Vin
DC supply
2
Rheostat Dim
must connect to Vin if not in use
3
On/Off/PWM
leave open if not in use
4
GND
do not connect to -Vo
5
-Vo
LED cathode connection
6
+Vo
LED anode connection
units: mm [inches]
tolerance: ±0.25 [±0.010]
pin section tolerance: ±0.05 mm [±0.002]
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com