Electronic Components Datasheet Search
  English  ▼

X  

VLD24 Datasheet(PDF) 1 Page - CUI INC

Part # VLD24
Description  LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLD24 Datasheet(HTML) 1 Page - CUI INC

  VLD24 Datasheet HTML 1Page - CUI INC VLD24 Datasheet HTML 2Page - CUI INC VLD24 Datasheet HTML 3Page - CUI INC VLD24 Datasheet HTML 4Page - CUI INC VLD24 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
04/17/2012
page
1 of 5
SERIES:
VLD24 │ DESCRIPTION: LED DRIVER
date
04/17/2012
page
1 of 5
FEATURES
• up to 700 mA constant current
• wide input (5.5~36 V)
• compact package
• PWM or analog dimming capable
• short circuit protection
• remote on/off control
• efficiency up to 96%
RoHS
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
dimming
control
efficiency
typ
(Vdc)
range
(Vdc)
range
(Vdc)
min
(mA)
max
(mA)
typ
(%)
VLD24-300
24
6.5~36.0
2~30
0
300
digital + rheostat
96
VLD24-350
24
6.5~36.0
2~30
0
350
digital + rheostat
96
VLD24-500
24
6.5~36.0
2~30
0
500
digital + rheostat
96
VLD24-600
24
6.5~36.0
2~30
0
600
digital + rheostat
96
VLD24-700
48
6.5~36.0
2~30
0
700
digital + rheostat
96
VLD24 - XXX
Input Voltage
Base Number
For more information, please visit the product page.


Similar Part No. - VLD24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VLD24-300 CUI-VLD24-300 Datasheet
583Kb / 4P
constant current dc-dc converter
VLD24-350 CUI-VLD24-350 Datasheet
583Kb / 4P
constant current dc-dc converter
VLD24-500 CUI-VLD24-500 Datasheet
583Kb / 4P
constant current dc-dc converter
VLD24-600 CUI-VLD24-600 Datasheet
583Kb / 4P
constant current dc-dc converter
VLD24-700 CUI-VLD24-700 Datasheet
583Kb / 4P
constant current dc-dc converter
More results

Similar Description - VLD24

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com