Electronic Components Datasheet Search
  English  ▼

X  

4N25 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # 4N25
Description  DC Input 6-Pin Phototransistor Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

4N25 Datasheet(HTML) 1 Page - CT Micro International Corporation

  4N25 Datasheet HTML 1Page - CT Micro International Corporation 4N25 Datasheet HTML 2Page - CT Micro International Corporation 4N25 Datasheet HTML 3Page - CT Micro International Corporation 4N25 Datasheet HTML 4Page - CT Micro International Corporation 4N25 Datasheet HTML 5Page - CT Micro International Corporation 4N25 Datasheet HTML 6Page - CT Micro International Corporation 4N25 Datasheet HTML 7Page - CT Micro International Corporation 4N25 Datasheet HTML 8Page - CT Micro International Corporation 4N25 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 1
Apr, 2016
4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37, 4N38
H11A1, H11A2, H11A3, H11A4, H11A5
DC Input 6-Pin Phototransistor Optocoupler
Package Outline
Schematic
Note: Different bending options available. See package
dimension.
Features
•
•
•
•
High isolation 5000 VRMS
•
•
•
•
CTR flexibility available see order information
•
•
•
•
DC input with transistor output
•
•
•
•
Operating temperature range - 55 °C to 110 °C
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Applications
•
•
•
•
Switch mode power supplies
•
•
•
•
Computer peripheral interface
•
•
•
•
Microprocessor system interface
Description
The 4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37,
4N38, H11A1, H11A2, H11A3, H11A4, H11A5 series
consists of a photo transistor optically coupled to a
gallium arsenide Infrared-emitting diode in a 6-lead
DIP package different lead forming options.


Similar Part No. - 4N25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
6-Pin DIP Optoisolators Transistor Output
logo
Toshiba Semiconductor
4N25 TOSHIBA-4N25 Datasheet
324Kb / 6P
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
27-Feb-1998
logo
QT Optoelectronics
4N25 QT-4N25 Datasheet
610Kb / 5P
GAAS INFRARED EMITTING DIODE
logo
Fairchild Semiconductor
4N25 FAIRCHILD-4N25 Datasheet
608Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N25 FAIRCHILD-4N25 Datasheet
210Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - 4N25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4N2X ETC2-4N2X Datasheet
654Kb / 17P
6-PIN PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC1-4N2X Datasheet
654Kb / 17P
6-PIN PHOTOTRANSISTOR OPTOCOUPLER
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
DC Input 6-Pin Photodarlington Optocoupler
CNY17-1 CTMICRO-CNY17-1 Datasheet
1Mb / 14P
DC Input 6-Pin Phototransistor Optocoupler
CT816 CTMICRO-CT816 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT817 CTMICRO-CT817 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT851 CTMICRO-CT851 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT827 CTMICRO-CT827 Datasheet
715Kb / 12P
DC Input 8-Pin Phototransistor Optocoupler
CT451 CTMICRO-CT451 Datasheet
1Mb / 12P
DC Input 4-Pin Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com