Electronic Components Datasheet Search
  English  ▼

X  

4N25 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # 4N25
Description  DC Input 6-Pin Phototransistor Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

4N25 Datasheet(HTML) 3 Page - CT Micro International Corporation

  4N25 Datasheet HTML 1Page - CT Micro International Corporation 4N25 Datasheet HTML 2Page - CT Micro International Corporation 4N25 Datasheet HTML 3Page - CT Micro International Corporation 4N25 Datasheet HTML 4Page - CT Micro International Corporation 4N25 Datasheet HTML 5Page - CT Micro International Corporation 4N25 Datasheet HTML 6Page - CT Micro International Corporation 4N25 Datasheet HTML 7Page - CT Micro International Corporation 4N25 Datasheet HTML 8Page - CT Micro International Corporation 4N25 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 3
Apr, 2016
4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37, 4N38
H11A1, H11A2, H11A3, H11A4, H11A5
DC Input 6-Pin Phototransistor Optocoupler
Electrical Characteristics T
A = 25°C (unless otherwise specified)
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF=10mA
1.24
1.4
V
IR
Reverse Current
VR = 6V
-
-
5
µA
CIN
Input Capacitance
f= 1MHz
-
45
-
pF
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
BVCEO
Collector-Emitter Breakdown
IC= 0.1mA
80
-
-
V
BVECO
Emitter-Collector Breakdown
IE= 0.1mA
7
-
-
V
BVCBO
Collector-Base Breakdown
IC= 0.1mA
80
-
-
V
BVEBO
Emitter-Base Breakdown
IE= 0.1mA
7
-
-
V
ICEO
Collector-Emitter
Dark Current
4N25,4N26,4N27,4N28
H11A1,A2,A3,A4,A5
VCE= 10V, IF=0mA
-
-
50
nA
4N35,4N36,4N37,4N38
VCE=60V, IF=0mA
-
-
50
nA
ICBO
Collector-Base Dark Current
VCB= 10V, IF=0mA
-
-
20
nA
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CTR
Current
Transfer
Ratio
4N35
IF= 10mA, VCE= 10V
100
-
-
%
4N25,4N26, 4N38,
H11A2, H11A3
20
-
-
4N27, 4N28, H11A4
10
-
-
H11A1
50
-
-
H11A5
30
-
-
4N36
IF= 2mA, VCE= 5V
130
-
260
4N37
200
-
400
VCE(SAT)
Collector-E
mitter
Saturation
Voltage
4N25,4N26,
4N27,4N28
IF= 50mA, IC= 2mA
-
-
0.5
V
4N35,4N36,4N37
IF= 10mA, IC= 0.5mA
-
-
0.3
H11A1,H11A2,
H11A3,H11A4,H11A5
-
-
0.4
4N38
IF= 20mA, IC= 4mA
-
-
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com