Electronic Components Datasheet Search
  English  ▼

X  

LMH6502MAX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6502MAX
Description  Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6502MAX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6502MAX Datasheet HTML 1Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 2Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 3Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 4Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 5Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 6Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 7Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LMH6502
Wideband, Low Power, Linear-in-dB Variable Gain
Amplifier
General Description
The LMH™6502 is a wideband DC coupled differential input
voltage controlled gain stage followed by a high-speed cur-
rent feedback Op Amp which can directly drive a low imped-
ance load. Gain adjustment range is more than 70dB for up
to 10MHz.
Maximum gain is set by external components and the gain
can be reduced all the way to cut-off. Power consumption is
300mW with a speed of 130MHz. Output referred DC offset
voltage is less than 350mV over the entire gain control
voltage range. Device-to-device Gain matching is within
±0.6dB at maximum gain. Furthermore, gain at any V
G is
tested and the tolerance is guaranteed. The output current
feedback Op Amp allows high frequency large signals (Slew
Rate = 1800V/µs) and can also drive heavy load current
(75mA). Differential inputs allow common mode rejection in
low level amplification or in applications where signals are
carried over relatively long wires. For single ended opera-
tion, the unused input can easily be tied to ground (or to a
virtual half-supply in single supply application). Inverting or
non-inverting gains could be obtained by choosing one input
polarity or the other.
To provide ease of use when working with a single supply,
V
G range is set to be from 0V to +2V relative to pin 11
potential (ground pin). In single supply operation, this ground
pin is tied to a "virtual" half supply.
LMH6502 gain control is linear in dB for a large portion of the
total gain control range. This makes the device suitable for
AGC circuits among other applications. For linear gain con-
trol
applications,
see
the
LMH6503
datasheet.
The
LMH6502 is available in the SOIC-14 and TSSOP-14 pack-
age.
Features
V
S = ±5V, TA = 25˚C, RF =1k
Ω,R
G = 174
Ω,R
L = 100
Ω,A
V
=A
V(MAX) = 10 Typical values unless specified.
n
-3dB BW
130MHz
n
Gain control BW
100MHz
n
Adjustment range (typical over temp)
70dB
n
Gain matching (limit)
±0.6dB
n
Slew rate
1800V/µs
n
Supply current (no load)
27mA
n
Linear output current
±75mA
n
Output voltage (R
L = 100
Ω)
±3.2V
n
Input voltage noise
7.7nV/
n
Input current noise
2.4pA/
n
THD (20MHz, R
L = 100
Ω,V
O =2VPP)
−53dBc
n
Replacement for CLC520
Applications
n
Variable attenuator
n
AGC
n
Voltage controller filter
n
Video imaging processing
Gain vs. V
G for Various Temperature
20067706
Typical Application
20067737
A
VMAX = 10V/V
LMH™ is a trademark of National Semiconductor Corporation.
June 2004
© 2004 National Semiconductor Corporation
DS200677
www.national.com


Similar Part No. - LMH6502MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6502MAX/NOPB TI-LMH6502MAX/NOPB Datasheet
1Mb / 29P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6502MAX/NOPB TI2-LMH6502MAX/NOPB Datasheet
1Mb / 34P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
REVISED MARCH 2013
LMH6502MAX/NOPB.A TI2-LMH6502MAX/NOPB.A Datasheet
1Mb / 34P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
REVISED MARCH 2013
More results

Similar Description - LMH6502MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
Wideband, Low Power, Linear Variable Gain Amplifier
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
December 14, 2007
logo
Texas Instruments
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com