Electronic Components Datasheet Search
  English  ▼

X  

LMH6502MAX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6502MAX
Description  Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6502MAX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMH6502MAX Datasheet HTML 10Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 11Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 12Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 13Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 14Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 15Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 16Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 17Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified: V
S = ±5V, 25˚C, VG =VGMAX,VCM
= 0V, R
F =1k
Ω,R
G = 174
Ω, both inputs terminated in 50Ω,R
L = 100
Ω, Typical values, results referred to device
output. (Continued)
Feedthrough from V
G
20067765
Application Information
THEORY OF OPERATION
A simplified schematic is shown in Figure 1.+V
IN and −VIN
are buffered with closed loop voltage followers inducing a
signal current in Rg proportional to (+V
IN) - (−VIN), the dif-
ferential input voltage. This current controls a current source
which supplies two well-matched transistor, Q1 and Q2.
The current flowing through Q2 is converted to the final
output voltage using R
F and the output amplifier, U1. By
changing the fraction of the signal current "I" which flows
through Q2, the gain is changed. This is done by changing
the voltage applied differentially to the bases of Q1 and Q2.
For example, with V
G = 0V, Q1 conducts heavily and Q2 is
off. With none of "I" flowing through R
F, the LMH6502’s input
to output gain is strongly attenuated. With V
G =+2V,Q1isoff
and the entire signal current flows through Q2 to R
F produc-
ing maximum gain. With V
G set to 1V, the bases of Q1 and
Q2 are set to approximately the same voltage, Q1 and Q2
have the same collector currents - equal to one half of the
signal current "I", thus the gain is approximately one half the
maximum gain.
CHOOSING R
F &RG
Maximum input amplitude and maximum gain are the two
key specifications that determine component values in a
LMH6502 application.
The output stage op amp is a current-feedback type amplifier
optimized for R
F =1k
Ω.R
G can then be computed as:
(1)
To determine whether the maximum input amplitude will
overdrive the LMH6502, compute:
V
DMAX =(RG + 3.0
Ω) x 1.70mA
(2)
the maximum differential input voltage for linear operation. If
the maximum input amplitude exceeds the above V
DMAX
limit, then LMH6502 should either be moved to a location in
the signal chain where input amplitudes are reduced, or the
LMH6502 gain A
VMAX should be reduced or the values for
R
G and RF should be increased. The overall system perfor-
mance impact is different based on the choice made. If the
input amplitude is reduced, re-compute the impact on signal-
to-noise ratio. If A
VMAX is reduced, post LMH6502 amplifier
gain, should be increased, or another gain stage added to
make up for reduced system gain. To increase R
G and RF,
compute the lowest acceptable value for R
G:
R
G > 590xVDMAX -3
Ω
(3)
Operating with R
G larger than this value insures linear op-
eration of the input buffers.
R
F may be computed from selected RG and AVMAX:RF
should be > =1k
Ω for overall best performance, however R
F
< 1k
Ω can be implemented if necessary using a loop gain
reducing resistor to ground on the inverting summing node of
the output amplifier (see application note QA-13 for details).
ADJUSTING OFFSET
Offset can be broken into two parts; an input-referred term
and an output-referred term. The input-referred offset shows
up as a variation in output voltage as V
G is changed. This
can be trimmed using the circuit in Figure 2 by placing a low
frequency square wave (V
LOW =0V, VHIGH = 2V into VG with
20067741
FIGURE 1. LMH6502 Block Diagram
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com