Electronic Components Datasheet Search
  English  ▼

X  

RF2890 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2890
Description  DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2890 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2890 Datasheet HTML 6Page - RF Micro Devices RF2890 Datasheet HTML 7Page - RF Micro Devices RF2890 Datasheet HTML 8Page - RF Micro Devices RF2890 Datasheet HTML 9Page - RF Micro Devices RF2890 Datasheet HTML 10Page - RF Micro Devices RF2890 Datasheet HTML 11Page - RF Micro Devices RF2890 Datasheet HTML 12Page - RF Micro Devices RF2890 Datasheet HTML 13Page - RF Micro Devices RF2890 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
8-420
RF2890
Rev A4 040421
Differential IF Matching
L1 and C1 are chosen to resonate at the desired IF frequency. C1 can be omitted and the value of L1 increased and uti-
lized solely as a choke to provide VCC to the open-collector outputs, but it is strongly recommended that at least some
small-valued C1 (a few pF) be retained for better mixer linearity performance. R is normally selected to match the input
impedance of the IF filter. However, mixer performance can be modified by selecting an R value that is different from the
IF filter input impedance, and inserting a conjugate matching network between the Resistive Output Network and the IF
filter.
C2 serve dual purposes. C2 serves as a series DC block when a DC path to ground is present in the IF filter. In addition,
C2 may be chosen to improve the combine performance of the mixer and IF filter. L2 should choose to resonate with the
internal capacitance of the SAW filter. Usually, SAW filter has some capacitance. Otherwise, L2 could be eliminated.
A practical approach to obtain the differential matching is to tune the mixer to the correct load point for gain, IIP3, and NF
using the single-end current combiner method. Second, use the component values found in the single-end approach as
starting point for the differential matching. The two-shunt capacitors in the single-end could be converted in a parallel
capacitor and the parallel inductor in the single-end need to be converted in two-choke inductor. Third, set the DC block
capacitors (C2) in the differential-end matching to a high value (i.e., 100pF) and retune the resonate circuit (C1 & L1)
and the resistor (R) for optimal performance. After optimal performance is achieved and if performance is not satisfac-
tory, decrease the series capacitors until optimal performance is achieved.
C1
R
L1
L1
V
CC
100 pF
C2
C2
IF+
IF-
L2
IF Saw
4
5
9
10
IF-
IF+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com