Electronic Components Datasheet Search
  English  ▼

X  

RF2890 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2890
Description  DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2890 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2890 Datasheet HTML 6Page - RF Micro Devices RF2890 Datasheet HTML 7Page - RF Micro Devices RF2890 Datasheet HTML 8Page - RF Micro Devices RF2890 Datasheet HTML 9Page - RF Micro Devices RF2890 Datasheet HTML 10Page - RF Micro Devices RF2890 Datasheet HTML 11Page - RF Micro Devices RF2890 Datasheet HTML 12Page - RF Micro Devices RF2890 Datasheet HTML 13Page - RF Micro Devices RF2890 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
8-418
RF2890
Rev A4 040421
Evaluation Board Schematic
IF Freq=183.6MHz (Cellular and GPS IF)
(Download Bill of Materials from www.rfmd.com.)
L1
8.2 nH
VCC
C14
3.3 pF
50
Ω µstrip
J1
CELL LNA OUT
50
Ω µstrip
J2
CELL LNA IN
C32
33 nF
L16
1.8 nH
C29
1.2 pF
50
Ω µstrip
J5
GPS LNA IN
C34
33 nF
VG1
L20
4.7 nH
C35
10 pF
L19
22 nH
R8
30
Ω
C33
33 nF
50
Ω µstrip
J6
GPS LNA OUT
C36
33 nF
L21
15 nH
50
Ω µstrip
J7
GPS MIXER IN
C38
33 nF
VG2
C40
33 nF
BAND SEL
C41
33 nF
VCC1
VCC2
50
Ω µstrip
J8
LO IN
50
Ω µstrip
J9
LO OUT
C43
33 nF
TX BUF ENAB
C8
2.7 pF
C11
6.8 pF
50
Ω µstrip
J11
CDMA
C18
2.7 pF
L2
110 nH
C10
33 nF
VCC
ENABLE
C16
33 nF
C17
33 nF
DIV SEL
C1
33 nF
C4
33 nF
L6
39 nH
50
Ω µstrip
J14
CELL MIXER IN
R4
16 k
Ω
R5
7.5 k
Ω
C20
2.0 pF
L12
270 nH
C19
2.0 pF
C26
4.3 pF
L11
150 nH
C24
33 nF
VCC
50
Ω µstrip
J12
GPS
1
3
2
6
24
23
22
21
20
19
4
5
12
18
15
17
16
14
13
10
9
7
8
11
/2
VCC
L9
8.2 nH
R3
7.5 k
Ω
L3
220 nH
L66
27 nH
DNI
R6
22 k
Ω
0
Ω
L22
2.2 nH
0
Ω
L4
5.6 nH
C15
24 pF
C2
33 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com