Electronic Components Datasheet Search
  English  ▼

X  

SF53G Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SF53G
Description  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SF53G Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SF53G Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SF53G Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF51G THRU SF58G
SUPER FAST RECTIFIER
Reverse Voltage: 50 to 600 Volts
Forward Current:5.0Amperes
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,60HZ,resistive or inductive
load. For capacitive load,derate current by 20%.)
°
Note: 1.Reverse Recovery Test conditions: I 0.5A,I =1.0A,I =0.25A.
F=
R
RR
2.Measured at 1MH and applied reverse voltage of 4.0 Volts.
Z
R
SEMICONDUCT OR
FEATURES
Maximum
Peak Reverse Voltage
Repetitive
VRRM
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
Cj
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
0 375
9 5mm Lead Length
.
''( .
)
Maximum Instantaneous Forward Voltage
at 5.0 A
Operating Temperature Range
Maximum Reverse Recovery Time(Note1)
Typical Junction Capacitance(Note2)
Maximum DC Reverse Current
At Rated DC Blocking Voltage
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
JEDEC Method
()
-55 to+150
50
35
20
5.0
R
JA
θ
50
50
35
100
100
70
200
200
140
150
0.95
1.3
Trr
5.0
Symbols
Volts
Volts
Volts
Volts
A
P
F
Amps
Amps
℃
ns
Units
SF
51G
SF
52G
SF
53G
SF
54G
SF
55G
SF
58G
300
300
210
600
600
420
150
150
105
℃
Typical Thermal Resistance Note3
()
Storage Temperature Range
TJ
50
-55 to+150
℃/W
DO-201AD
Dimensions in inches and (millimetrers)
0.375(9.50)
0.220(5.6)
0.052(1.32)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.285(7.20)
0.190(4.8)
DIA.
0.045(1.14)
DIA.
Case: JEDEC DO-201AD molded plastic body
TerMINals: Plated axial leads, solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Any
Weight: 0.041ounce, 1.15 grams
Mounting Position:
Low forward voltage drop
High current capability
High reliability
High surge current capability
Good for switching mode application
Lead (Pb)-free component
Component in accordance to RoHS 2011 65 EU
High temperature soldering guaranteed:260 C/10 seconds at terminals
//
°
T =25 C
A
°
T =100 C
A
°
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
9-8
SF
56G
400
400
280
1.7


Similar Part No. - SF53G

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SF53G MIC-SF53G Datasheet
54Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF53G CHONGQING-SF53G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
SeCoS Halbleitertechnol...
SF53G SECOS-SF53G Datasheet
161Kb / 2P
5 A, Glass Passivated Super Fast Rectifiers
logo
First Components Intern...
SF53G FCI-SF53G Datasheet
504Kb / 2P
5.0 Amp SUPER FAST PLASTIC RECTIFIERS Fast switching for high efficiency
logo
Yea Shin Technology Co....
SF53G YEASHIN-SF53G Datasheet
57Kb / 2P
SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
More results

Similar Description - SF53G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
SUPER FAST RECTIFIER
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
UGP30A BILIN-UGP30A Datasheet
65Kb / 2P
SUPER FAST RECTIFIER
USF21 BILIN-USF21 Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com