Electronic Components Datasheet Search
  English  ▼

X  

SF53G Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SF53G
Description  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SF53G Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  SF53G Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SF53G Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SF51G THRU SF58G
0
100
25
50
75
125
150
175
0
4
1
6
FIG.1-MAXIMUM AVERAGE FORWARD CURRENT DERATING
AMBIENT TEMPERATURE ( C)
°
0.1
10
1.0
0.01
0.1
1
0
60
30
90
150
120
10
20
0
40
60
80
100
120
1
10
100
0
0.2
0.6
0.4
1.4
0.8
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
(JEDEC Method)
-
TJ=25 C
°
0
.01
.05
.1
.5
.2
15
2
10
25
75
100
150
50
125
FIG.5-TYPICAL JUNCTION CAPACITANCE
Tj 25 C
Pulse Width=300 s
1% Duty Cycle
= °
μ
FIG.3-TYPICAL FORWARD CHARACTERISTICS
Resistive or Inductive Load
Single Phase Half Wave 60Hz
0 375
9 5mm Lead Length
.''( .
)
140
100
1.2
1.0
100
50
20
5
2
180
20
50 100
2
3
5
TJ=100 C
°
175
50
3.0
TJ=25 C
°
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
9-9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com