Electronic Components Datasheet Search
  English  ▼

X  

CT3120ST2 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # CT3120ST2
Description  2.5A MOSFET/IGBT Gate Driver Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3120ST2 Datasheet(HTML) 4 Page - CT Micro International Corporation

  CT3120ST2 Datasheet HTML 1Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 2Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 3Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 4Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 5Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 6Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 7Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 8Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 4
Aug, 2013
CT3120
2.5A MOSFET/IGBT Gate Driver Optocoupler
Electrical Characteristics
Typical values are measured at Vcc=30V, VEE= Gnd, TA = 25 0C(unless otherwise stated)
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TPHL
High to Low Propagation Delay
IF= 7 to 16mA, CL= 10nF,
RL= 10 , f= 10kHz, Duty =
50%, TA= 25 0C
120
185
300
ns
TPLH
Low to High Propagation Delay
150
175
300
ns
PWD
Pulse Width Distortion
10
100
ns
tPSK
Propagation Delay Skew
40
ns
tr
Rise Time
60
ns
tf
Fall Time
60
ns
tUVLO(ON)
UVLO Turn On Delay
IF= 10mA, VO> 5V
2.5
µs
tUVLO(OFF)
UVLO Turn Off Delay
IF= 10mA, VO< 5V
0.4
µs
|CMH|
Common Mode Transient High
VCC= 30V,
RL= 350 ,
TA= 25 0C,
VCM= 2kV
IF= 7 to 16mA,
-20
kV/µs
|CML|
Common Mode Transient Low
IF= 0mA
20
kV/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com