Electronic Components Datasheet Search
  English  ▼

X  

CT3120ST2 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CT3120ST2
Description  2.5A MOSFET/IGBT Gate Driver Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3120ST2 Datasheet(HTML) 3 Page - CT Micro International Corporation

  CT3120ST2 Datasheet HTML 1Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 2Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 3Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 4Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 5Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 6Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 7Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 8Page - CT Micro International Corporation CT3120ST2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 3
Aug, 2013
CT3120
2.5A MOSFET/IGBT Gate Driver Optocoupler
Electrical Characteristics
Typical values are measured at Vcc=30V, VEE= Gnd, TA = 250C(unless otherwise stated)
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF = 10mA
-
1.45
1.7
V
VR
Reverse Voltage
IR = 10µA
5.0
-
-
V
VF/ TA
Temperature coefficient of
forward voltage
IF =10mA
-
-1.8
-
mV/°C
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
ICCL
Logic Low Supply Current
VF = 0 to 0.8V, VO= Open
-
1.5
3.7
mA
ICCH
Logic High Supply Current
IF= 7mA to 10mA, VO= Open
-
1.7
3.7
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VOH
High Level Output Voltage
IF= 10mA, IO= -2.5A
VCC-
6.25
-
-
V
IF= 10mA, IO= -100mA
VCC-
0.25
-
-
VOL
Low Level Output Voltage
IF= 0mA, IO= 2.5A
-
-
VEE
+6.25
V
IF= 0mA, IO= 100mA
-
-
VEE
+0.25
IOPH
High Level Output Current
VO= VCC-3V
-1
-
-
A
VO= VCC-6V
-2
-
-
IOPL
Low Level Output Current
VO= VEE+3V
1
-
-
A
VO= VEE+6V
2
-
-
IFHL
Input Threshold Current
IO= 0mA, VO> 5V
-
2.0
5.0
mA
VFHL
Input Threshold Voltage
IO= 0mA, VO< 5V
0.8
-
-
V
VUVLO+
Under Voltage Lockout
Threshold
IO= 10mA, VO> 5V
11
-
13.5
V
VUVLO-
IO= 10mA, VO< 5V
10
-
12.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com