Electronic Components Datasheet Search
  English  ▼

X  

9913 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9913
Description  RG-8/U type, 10 AWG solid .108 bare copper conductor, semi-solid polyethylene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9913 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9913 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9913 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9913 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
9913 Coax - RG-8/U Type
Bulk Cable Weight
97 lbs/1000 ft.
Max. Recommended Pulling Tension
300 lbs.
Min. Bend Radius (Install)
6 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
SUITABILITY:
Suitability - Indoor
Yes
Suitability - Outdoor
Yes
Suitability - Aerial
Yes
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
Plenum Number
89913
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
50 Ohms
Nom. Inductance
.059 µH/ft
Nom. Capacitance Conductor to Shield
24.6 pF/ft
Nominal Velocity of Propagation
84 %
Nominal Delay
1.2 ns/ft
Nom. Conductor DC Resistance @ 20 Deg. C
.9 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20 Deg.C
1.8 Ohms/1000 ft
Nom. Attenuation :
Description
Frequency (MHz)
Start Frequency (MHz)
Stop Frequency (MHz)
Nom. Attenuation
(dB/100 ft.)
5
.4
10
.5
50
1.0
100
1.4
200
1.8
400
2.6
700
3.6
900
4.1
1000
4.4
Max. Power Rating :
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com