Electronic Components Datasheet Search
  English  ▼

X  

9913 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9913
Description  RG-8/U type, 10 AWG solid .108 bare copper conductor, semi-solid polyethylene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9913 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9913 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9913 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9913 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
9913 Coax - RG-8/U Type
For more information please
call
1-800-Belden1
See Put-ups and Colors
Description:
RG-8/U type, 10 AWG solid .108" bare copper conductor, semi-solid polyethylene insulation, Duobond II® + tinned copper braid shield
(90% coverage), PVC jacket.
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Coax
1
Total Number of Conductors
1
RG Type
8/U
AWG
10
Stranding
Solid
Conductor Diameter
.108 in.
Conductor Material
BC - Bare Copper
INSULATION:
Insulation Material
Semi-Solid PE - Semi-Solid Polyethylene
Insulation Diameter
.286 in.
OUTER SHIELD:
Outer Shield Material Trade Name
Duobond® II
Outer Shield Type
Tape/Braid
Outer Shield Material :
Layer Number
Trade Name
Type
Material
% Coverage (%)
1
Bonded DuoFoil®
Tape
Bonded Aluminum Foil-
Polyester Tape-Aluminum
Foil
100
2
Braid
TC - Tinned Copper
90
OUTER JACKET:
Outer Jacket Material
PVC - Polyvinyl Chloride
OVERALL NOMINAL DIAMETER:
Overall Nominal Diameter
.405 in.
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-40°C To +80°C
Non-UL Temperature Rating
75°C
Page 1 of 3


Similar Part No. - 9913

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9913 BELDEN-9913 Datasheet
237Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8
9913-0400-01 BELDEN-9913-0400-01 Datasheet
168Kb / 2P
Belden Solid Filler Panels
02-03-2025
9913-0400-02 BELDEN-9913-0400-02 Datasheet
168Kb / 2P
Belden Solid Filler Panels
02-03-2025
logo
List of Unclassifed Man...
9913F7 ETC2-9913F7 Datasheet
100Kb / 3P
RG-8/U type, 10 AWG stranded (7x19) .108 bare copper conductor, gas-injected foam HDPE insulation
logo
Belden Inc.
9913F7 BELDEN-9913F7 Datasheet
148Kb / 3P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Str BC, Foil 90% TC Braid, PVC Jkt, Flexible
04-13-2023
More results

Similar Description - 9913

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344804 ETC2-1344804 Datasheet
100Kb / 3P
RG-58A/U type, 20 AWG solid .033 bare copper conductor, polyethylene insulation
1345253 ETC2-1345253 Datasheet
101Kb / 3P
23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
1347100 ETC2-1347100 Datasheet
98Kb / 3P
RG-58/U type, 20 AWG solid .033 bare copper conductor, polyethylene insulation
1348490 ETC2-1348490 Datasheet
103Kb / 4P
18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1351281 ETC2-1351281 Datasheet
99Kb / 3P
RG-8/U type, 13 AWG stranded (7x21) .085 bare copper conductor, polyethylene insulation
1351787 ETC2-1351787 Datasheet
99Kb / 3P
RG-8/U type, 11 AWG stranded (7x19) .108 bare copper conductor, foam polyethylene insulation
88240 ETC2-88240 Datasheet
100Kb / 3P
RG-58A/U type, 20 AWG solid .033 bare copper conductor, plenum, FEP teflon insulation
1694A ETC2-1694A Datasheet
107Kb / 4P
RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1695A ETC2-1695A Datasheet
107Kb / 4P
RG-6/U type, 18 AWG solid .040 bare copper conductor, plenum, foam FEP insulation
9913F7 ETC2-9913F7 Datasheet
100Kb / 3P
RG-8/U type, 10 AWG stranded (7x19) .108 bare copper conductor, gas-injected foam HDPE insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com