Electronic Components Datasheet Search
  English  ▼

X  

CLC415 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC415
Description  Quad, Wideband Monolithic Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC415 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC415 Datasheet HTML 1Page - National Semiconductor (TI) CLC415 Datasheet HTML 2Page - National Semiconductor (TI) CLC415 Datasheet HTML 3Page - National Semiconductor (TI) CLC415 Datasheet HTML 4Page - National Semiconductor (TI) CLC415 Datasheet HTML 5Page - National Semiconductor (TI) CLC415 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CLC415 Typical Performance Characteristics (TA = 25°,Av = +6,VCC = ±5V,RL = 100ΩΩ,, Rf = 500ΩΩ;unless specified)
Inverting Frequency Response
-180
°
-270
°
-360
°
-450
°
-540
°
-630
°
1
Frequency (MHz)
100
Frequency Response for Various R s
0
20MHz/div
200MHz
V = 2Vpp
RL
=50
=100
=100
=1k
=50
o
L
0
°
-45
°
-90
°
-135
°
-180
°
RL
RL
RL
RL
Small Signal Pulse Response
5ns/div
A =+6
v
V = 2Vpp
o
+1.2
+0.8
+0.4
0
-0.4
-0.8
-1.2
A =-5
v
Short-Term Settling Time
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
2V output step
Long-Term Settling Time
+0.20
+0.15
+0.10
+0.05
0
-0.05
-0.10
-0.15
-0.20
2V output step
Time (s)
-40
-50
-60
-70
-80
1
2
5
10
20
50
Frequency (MHz)
2nd, R =100
L
3rd, R =100
L
3rd, R =1k
L
2nd, R =1k
L
100
L
R
-
+
2Vpp
500
2-Tone, 3rd Order Spurious Levels
-30
-40
-50
-60
-70
-80
Test Tone Power (P
, dBm-each tone)
-4
-2
0
2
4
-
+
50
out
P
100
500
50
40MHz
50MHz
30MHz
out
Settling Time vs. Capacitive Load
50
40
30
20
10
0
10
100
1000
Load Capacitance, C (pF)
50
40
30
20
10
0
0.25
0.20
0.15
0.10
0.05
0
Number of 150
loads
1
2
3
4
.30
.25
.20
.15
.10
0
Phase Positive
sync
Equivalent Input Noise
100
10
10
10
10
10
10
10
10
1
Frequency (Hz)
2
34
6
7
8
5
Inverting Current =
11.5pA/ Hz
Voltage =3.0nV/ Hz
Gain
Phase
Gain
Phase
RL =1k
10 10 10 10 10 10 10 10 10 10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
Rs
PSRR, CMRR, and Closed Loop R
60
50
40
30
20
10
10
10
10
10
10
Frequency (Hz)
4
5
8
67
R
PSRR
Open-Loop Transimpedance Gain, Z(s)
130
120
110
100
90
80
70
60
50
40
30
10
10
10
10
10
10
Frequency (Hz)
4
5
3
6
7
200
180
160
140
120
100
80
60
40
20
o
CMRR
o
30
20
10
0
-10
-20
0
100
10ns/div
20MHz
10MHz
L
1k
R
s
-
+
100
500
Ω C
L
T s
105
95
85
75
65
55
45
35
25
15
10
10
10
10
Frequency (Hz)
5
8
67
All Hostile Crosstalk Isolation
R =1k
L
R =100
L
Phase
Negative sync
Gain
Positive sync
Gain
Negative sync
V
out
-
+
75
75
75
V
out
Non-Inverting Current=
2.0pA/ Hz
50
20
5
2
Phase
Gain
2nd and 3rd Harmonic Distortion
Most Susceptible Channel-Channel Pulse Coupling
2V/div
20mV/div
Time (100ns/div)
10mV/div
Coupled
Signal
Driven
Signal
R =100
L
R =1k
L
8
-
+
100
Vo
I
i
Differential Gain and Phase (4.43 MHz, A =+2)
v
Non-Inverting Frequency Response
1
Frequency (MHz)
100
0
-90
°
-180
°
-270
°
-360
°
-450
°
Vo = 2Vpp
Av = 6
Rf = 499
Av = 2
Rf = 698
Av = 10
Rf = 200
Gain
Phase
Vo = 2Vpp
Av = -2
Rf = 698
Av = -1
Rf = 802
Av = -10
Rf = 402
Av = -6
Rf = 499
3
http://www.national.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com