Electronic Components Datasheet Search
  English  ▼

X  

CLC415 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC415
Description  Quad, Wideband Monolithic Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC415 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC415 Datasheet HTML 1Page - National Semiconductor (TI) CLC415 Datasheet HTML 2Page - National Semiconductor (TI) CLC415 Datasheet HTML 3Page - National Semiconductor (TI) CLC415 Datasheet HTML 4Page - National Semiconductor (TI) CLC415 Datasheet HTML 5Page - National Semiconductor (TI) CLC415 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Small Signal Pulse Response
5ns/div
A =+6
v
V = 2Vpp
o
+1.2
+0.8
+0.4
0
-0.4
-0.8
-1.2
A =-5
v
Features
s
160MHz small signal bandwidth
s
5mA quiescent current per amplifier
s
70dB channel isolation @ 5MHz
s
0.03%/0.03° differential gain/phase
s
12ns settling to 0.1%
s
1500V/
µs slew rate
s
2.0ns rise and fall time (2Vpp)
s
70mA output current per amplifier
Applications
s
Composite video distribution amps
s
HDTV amplifiers
s
RGB-video amplifiers
s
CCD signal processing
s
Active Filters
s
Instrumentation differential amps
s
Channelized EW
General Description
CLC415
Quad, Wideband Monolithic Op Amp
N
June 1999
Non-Inverting Frequency Response
1
Frequency (MHz)
100
0
-90
°
-180
°
-270
°
-360
°
-450
°
Vo = 2Vpp
Av = 6
Rf = 499
Av = 2
Rf = 698
Av = 10
Rf = 200
Gain
Phase
Pinout
DIP & SOIC
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
CLC415AJP
-40°C to +85°C
14-pin plastic DIP
CLC415AJE
-40°C to +85°C
14-pin plastic SOIC
DESC SMD number: 5962-90994


Similar Part No. - CLC415

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
Fast Settling, Video Op Amp with Disable
logo
Texas Instruments
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
Fast Settling, Video Op Amp
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
High Speed Video Op Amp with Disable
logo
National Semiconductor ...
CLC411A8B NSC-CLC411A8B Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
More results

Similar Description - CLC415

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC404 NSC-CLC404 Datasheet
374Kb / 6P
Wideband, High-Slew Rate, Monolithic Op Amp
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
Wideband, Low Power Monolithic Op Amp
CLC409 NSC-CLC409 Datasheet
403Kb / 10P
Very Wideband, Low Distortion Monolithic Op Amp
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
Quad, Low-Power Monolithic Op Amp
CLC431 NSC-CLC431 Datasheet
863Kb / 8P
Dual Wideband Monolithic Op Amp with Disable
CLC449 NSC-CLC449 Datasheet
748Kb / 12P
1.1GHz Ultra-Wideband Monolithic Op Amp
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
logo
Texas Instruments
CLC404 TI1-CLC404 Datasheet
391Kb / 10P
Wideband, High Slew Rate, Monolithic Op Amp
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
Very Wideband, Low Distortion Monolithic Op Amp
CLC414 TI1-CLC414 Datasheet
421Kb / 12P
Quad, Low Power Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com