Electronic Components Datasheet Search
  English  ▼

X  

EMSA180100 Datasheet(PDF) 2 Page - CUI INC

Part # EMSA180100
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EMSA180100 Datasheet(HTML) 2 Page - CUI INC

  EMSA180100 Datasheet HTML 1Page - CUI INC EMSA180100 Datasheet HTML 2Page - CUI INC EMSA180100 Datasheet HTML 3Page - CUI INC EMSA180100 Datasheet HTML 4Page - CUI INC EMSA180100 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 04/10/2013
│ page 2 of 5
CUI Inc
│ SERIES: EMSA 18W │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
nom
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
0.6
A RMS
inrush current
5, 6 V output at 115 V ac, cold start
5, 6 V output at 230 V ac, cold start
all other outputs: 115 V ac, cold start
all other outputs: 230 V ac, cold start
30
60
40
80
A
A
A
A
no load power consumption
0.3
W
OUTPUT
parameter
conditions/description
min
nom
max
units
line regulation
±1
%
load regulation
±5
%
PROTECTIONS
parameter
conditions/description
min
nom
max
units
over voltage protection
output voltage clamped by internal protection zener1
short circuit protection
Output shut down and auto restart
Notes:
1. 5V and 6V models only
SAFETY & COMPLIANCE
parameter
conditions/description
min
nom
max
units
isolation voltage
input to output at 10 mA for 1 minute
3,000
4,242
Vac
Vdc
isolation resistance
input to output at 500 V dc
100
MΩ
safety approvals
UL 60950-1, IEC 60950-1, EN 60950-1, RCM, CCC, PSE
EMI/EMC
FCC Class B, VCCI Class II
leakage current
0.25
mA
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
nom
max
units
operating temperature
0
40
°C
storage temperature
-10
75
°C
operating humidity
20
80
%
storage humidity
10
90
%
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com