Electronic Components Datasheet Search
  English  ▼

X  

EMSA180100 Datasheet(PDF) 1 Page - CUI INC

Part # EMSA180100
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EMSA180100 Datasheet(HTML) 1 Page - CUI INC

  EMSA180100 Datasheet HTML 1Page - CUI INC EMSA180100 Datasheet HTML 2Page - CUI INC EMSA180100 Datasheet HTML 3Page - CUI INC EMSA180100 Datasheet HTML 4Page - CUI INC EMSA180100 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 04/10/2013
page 1 of 5
SERIES: EMSA 18W
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
EMSA050300
5
3.0
15
150
V
EMSA060300
6
3.0
18
150
V
EMSA090200
9
2.0
18
150
V
EMSA120150
12
1.5
18
150
V
EMSA150120
15
1.2
18
150
V
EMSA180100
18
1.0
18
180
V
EMSA200090
20
0.9
18
200
V
EMSA240075
24
0.75
18
240
V
Notes:
1. At full load, 100 ~ 240 Vac input, 20 MHz bandwidth oscilloscope, each output terminated with 10 µF aluminum electrolytic and 0.1 µF ceramic capacitors.
PART NUMBER KEY
EMSA120150 X - XX - SZ - CXX
DC Plug Type
Factory
Designation
Base Number
example of 12 Vdc, 1.5 A
Reserved for Custom
Configurations
Blades:
“blank” = North American, European, United Kingdom,
Australian, and China blade included
N = North American blade included
E = European blade included
B = United Kingdom blade included
A = Australian blade included
C = China blade included
K = No blades included
FEATURES
• up to 18 W power
• interchangeable AC blades
• universal input (90~264 Vac)
• single regulated output from 5~24 V
• over voltage and short circuit protections
• UL/cUL, GS, RCM, CCC, PSE safety approvals
• level V efficiency
• custom designs available
RoHS
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - EMSA180100

ManufacturerPart #DatasheetDescription
logo
CUI INC
EMSA180100 CUI-EMSA180100 Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EMSA180100 CUI-EMSA180100 Datasheet
252Kb / 5P
SWITCHING POWER SUPPLY
EMSA180100 CUI-EMSA180100 Datasheet
291Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - EMSA180100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com