Electronic Components Datasheet Search
  English  ▼

X  

ETMA200550U Datasheet(PDF) 2 Page - CUI INC

Part # ETMA200550U
Description  MEDICAL AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ETMA200550U Datasheet(HTML) 2 Page - CUI INC

  ETMA200550U Datasheet HTML 1Page - CUI INC ETMA200550U Datasheet HTML 2Page - CUI INC ETMA200550U Datasheet HTML 3Page - CUI INC ETMA200550U Datasheet HTML 4Page - CUI INC ETMA200550U Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date
09/04/2013 │ page 2 of 5
CUI Inc
│ SERIES: ETMA 110W │ DESCRIPTION: MEDICAL AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
at 90 Vac, 50 Hz
2A
inrush current
at 230 Vac, cold start
70
A
no load power consumption
0.3
W
OUTPUT
parameter
conditions/description
min
typ
max
units
total regulation
19, 20, 24 V outputs
all other outputs
±3
±5
%
%
hold-up time
at 115 / 230 Vac, full load
10
ms
temperature coefficient
±0.05
%/°C
PROTECTIONS
parameter
conditions/description
over voltage protection
13.5 V output
24 V output
all other outputs
118
113
120
150
150
150
%
%
%
overload protection
shutdown and auto restart
160
%
short circuit protection
output shutdown and auto restart
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 2 seconds
input to frame ground for 2 seconds
5,656
2,121
Vdc
Vdc
insulation resistance
input to output, at 500 Vdc
input to frame ground, at 500 Vdc
20
20
MΩ
MΩ
safety approvals
UL/cUL UL 60601-1, EN 60601-1, CB IEC 60601-1
EMI/EMC
FCC Part 18 Class B, EN 60601-1 Class B, EN 55011 Class B
leakage current
0.1
mA
MTBF
at 25°C, max. load
100,000
hours
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
040
°C
storage temperature
-10
70
°C
humidity
non-condensing
10
90
%
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com