Electronic Components Datasheet Search
  English  ▼

X  

ETMA200550U Datasheet(PDF) 3 Page - CUI INC

Part # ETMA200550U
Description  MEDICAL AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ETMA200550U Datasheet(HTML) 3 Page - CUI INC

  ETMA200550U Datasheet HTML 1Page - CUI INC ETMA200550U Datasheet HTML 2Page - CUI INC ETMA200550U Datasheet HTML 3Page - CUI INC ETMA200550U Datasheet HTML 4Page - CUI INC ETMA200550U Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
09/04/2013 │ page 3 of 5
CUI Inc
│ SERIES: ETMA 110W │ DESCRIPTION: MEDICAL AC-DC POWER SUPPLY
MECHANICAL DRAWING
38.5 0.50
170.0 0.50
LED
64.8 0.50
units: mm
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
6.69 x 2.55 x 1.52 (170 x 64.8 x 38.5 mm)
inch
input plug
IEC320 / C14
weight
0.61
kg
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com