Electronic Components Datasheet Search
  English  ▼

X  

CLC420 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC420
Description  High-Speed, Voltage Feedback Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC420 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC420 Datasheet HTML 1Page - National Semiconductor (TI) CLC420 Datasheet HTML 2Page - National Semiconductor (TI) CLC420 Datasheet HTML 3Page - National Semiconductor (TI) CLC420 Datasheet HTML 4Page - National Semiconductor (TI) CLC420 Datasheet HTML 5Page - National Semiconductor (TI) CLC420 Datasheet HTML 6Page - National Semiconductor (TI) CLC420 Datasheet HTML 7Page - National Semiconductor (TI) CLC420 Datasheet HTML 8Page - National Semiconductor (TI) CLC420 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
±7V
I
OUT
(is short circuit protected to ground,
but maximum reliability will be
maintained if I
OUT does not exceed
70mA, except A8D, B8D which should
not exceed 35mA over the military
temperature range)..
Common Mode Input Voltage
±V
CC
Differential Input Voltage
10V
Junction Temperature
+150˚C
Operating Temperature Range
AJ:
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Solder Duration (+300˚C)
10 sec
Electrical Characteristics
A
V=+1, VCC = ±5V, RL =100Ω,Rf = 0Ω; unless specified
Symbol
Parameter
Conditions
Typ
Max/Min (Note 2)
Units
Ambient Temperature
CLC420AJ
+25˚C
−40˚C
+25˚C
+85˚
Frequency Domain Response
SSBW
-3dB bandwidth
V
OUT <0..4VPP
300
>200
>200
>130
MHz
LSBW
V
OUT<5VPP
40
>20
>25
>20
MHz
SSBWI
A
v =−1, Rf=500Ω
V
OUT <0.4VPP
100
>65
>65
>45
MHz
LSBWI
A
v =−1, Rf=500Ω
V
OUT <5VPP
60
>30
>35
>30
MHz
gain flatness
V
OUT< 0.4VPP
GFPL
peaking
0.1MHz to
100MHz
0
<1
<0.6
<0.6
dB
GFPH
peaking
>100MHz
0
<5
<3
<3dB
GFR
rolloff
0.1MHz to
100MHz
0.2
<1
<1
<2dB
GFRI
rolloff, A
v =−1, Rf=500Ω
0.1MHz to
30MHz
0.2
<1.4
<1.4
<1.6
dB
LPD
linear phase deviation
0.1MHz to
100MHz
0.9
<1.8
<1.8
<2.5
˚
Time Domain Response
TRS
rise and fall time
0.4V step
1.2
<2
<2
<3ns
TRL
5V step
1.4
<25
<20
<20
ns
TRSI
rise and fall time,A
v =−1,
R
f=500Ω
0.4V step
3.5
<5.5
<5.5
<7.8
ns
TRLI
5V step
6
<10
<9.5
<10
ns
TSS
settling time to ±0.1%
2V step
12
<18
<18
<18
ns
TSP
±0.01%
2V step
18
<25
<25
<25
ns
OS
overshoot
0.4V step
8
<35
<25
<25
%
SR
slew rate, A
v =+2
5V step
1100
>600
>750
>600
V/µs
SRI
slew rate, A
v =−1, Rf=500Ω
5V step
750
>430
>500
>430
V/µs
Distortion And Noise Response
HD2
2nd harmonic distortion
2V
PP, 20MHz
−50
<−40
<−40
<−40
dBc
HD3
3rd harmonic distortion
2V
PP, 20MHz
−53
<−45
<−45
<−40
dBc
HD2
2nd harmonic distortion
A
v =−1 2VPP,
20MHz, R
f=500
−51
<−40
<−40
<−40
dBc
HD3
3rd harmonic distortion
A
v=−1,
R
f=500Ω2VPP,
20MHz, R
f=500
−51
<−40
<−40
<−35
dBc
input referred noise
VN
voltage
1MHz to
200MHz
4.2
<5.3
<5.3
<6
nV/
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com