Electronic Components Datasheet Search
  English  ▼

X  

CLC420 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC420
Description  High-Speed, Voltage Feedback Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC420 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC420 Datasheet HTML 1Page - National Semiconductor (TI) CLC420 Datasheet HTML 2Page - National Semiconductor (TI) CLC420 Datasheet HTML 3Page - National Semiconductor (TI) CLC420 Datasheet HTML 4Page - National Semiconductor (TI) CLC420 Datasheet HTML 5Page - National Semiconductor (TI) CLC420 Datasheet HTML 6Page - National Semiconductor (TI) CLC420 Datasheet HTML 7Page - National Semiconductor (TI) CLC420 Datasheet HTML 8Page - National Semiconductor (TI) CLC420 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics (Continued)
A
V=+1, VCC = ±5V, RL =100Ω,Rf = 0Ω; unless specified
Symbol
Parameter
Conditions
Typ
Max/Min (Note 2)
Units
Distortion And Noise Response
ICN
current
1MHz to
200MHz
2
<2.9
<2.6
<2.3
pA/
Static DC Performance
VIO
input offset voltage (Note 3)
1
<3.2
<2
<3.5
mV
DVIO
average temperature coefficient
8
<15
-
<15
µV/˚C
IB
input bias current (Note 3)
3
<20
<10
<10
µA
DIB
average temperature coefficient
45
<120
-
<60
A/˚C
IIO
input offset current (Note 3)
0.2
<2.6
<1
<2µA
DIIO
average temperature coefficient
2
<20
-
<10
nA/˚C
AOL
open loop gain (Note 3)
65
>52
>56
>56
µA
PSRR
power supply rejection ratio
70
>55
>60
>60
dB
CMRR
common mode rejection ratio
80
>60
>65
>65
dB
ICC
supply current (Note 3)
no
load,quiescent
4
<5
<5
<5mA
Miscellaneous Performance
RIND
differential mode input
resistance
2
>0.5
>1
>1M
Ω
CIND
capacitance
1
<2
<2
<2pF
RINC
common mode input
resistance
1
>0.25
>0.5
>0.5
M
Ω
CINC
capacitance
1
<2
<2
<2pF
RO
output impedence
at DC
0.02
<0.3
<0.2
<0.2
Ω
VO
output voltage range
no load
±3.6
±2.8
±3
±3V
VOL
output voltage range
RL=100
Ω
±2.9
±2.5
±2.5
±2.5
V
CMIR
common mode input range
for rated
performance
±3.2
±2.5
±2.8
±2.8
V
IO
output current
±60
±30
±50
±50
mA
Package Thermal Resistance
junction
to
case
CLC420AJP
65˚
-
-
-
-
C/W
junction
to
ambient
CLC420AJP
120˚
-
-
-
-
C/W
junction
to
case
CLC420AJE
60˚
-
-
-
-
C/W
junction
to
ambient
CLC420AJE
140˚
-
-
-
-
C/W
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Max/min ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined
from tested parameters.
Note 3: AJ-level: spec. is 100% tested at +25˚C.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com