Electronic Components Datasheet Search
  English  ▼

X  

CTW138 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTW138
Description  Low Input Current Photodarlington Coupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTW138 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTW138 Datasheet HTML 1Page - CT Micro International Corporation CTW138 Datasheet HTML 2Page - CT Micro International Corporation CTW138 Datasheet HTML 3Page - CT Micro International Corporation CTW138 Datasheet HTML 4Page - CT Micro International Corporation CTW138 Datasheet HTML 5Page - CT Micro International Corporation CTW138 Datasheet HTML 6Page - CT Micro International Corporation CTW138 Datasheet HTML 7Page - CT Micro International Corporation CTW138 Datasheet HTML 8Page - CT Micro International Corporation CTW138 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
May, 2016
CTW138, CTW139
Low Input Current Photodarlington Coupler
Package Outline
Schematic
CTW138 / CTW139
Note: Different lead forming options available. See package
dimension.
Features
•
•
•
•
Low current – 0.5mA
•
•
•
•
Superior CTR-2000%
•
•
•
•
CTR guaranteed 0–70°C
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Applications
•
•
•
•
Digital logic ground isolation
•
•
•
•
Telephone ring detector
•
•
•
•
EIA-RS-232C line receiver
•
•
•
•
High common mode noise line receiver
•
•
•
•
Current loop receiver
Description
The CTW138 & CTW139 optocouplers consist of an
AlGaAs LED optically coupled to a high gain split
darlington photodetector.
The combination of a very low input current of
0.5mA and a high current transfer ratio of 2000%
makes this family particularly useful for input
interface to MOS, CMOS, LSTTL and EIA RS232C,
while output compatibility is ensured to CMOS as
well as high fan-out TTL requirements.
The devices are packaged in an 8-pin widebody
package and also available in surface mount lead
forming option.


Similar Part No. - CTW138

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTW135 CTMICRO-CTW135 Datasheet
1Mb / 15P
High Speed Phototransistor Optocoupl
CTW137 CTMICRO-CTW137 Datasheet
1Mb / 15P
9mm, 10MBit/s Logic Gate Optocoupler
CTW13X5 CTMICRO-CTW13X5 Datasheet
1Mb / 15P
High Speed Phototransistor Optocoupl
CTW13X5SL CTMICRO-CTW13X5SL Datasheet
1Mb / 15P
High Speed Phototransistor Optocoupl
CTW13X5SLT1 CTMICRO-CTW13X5SLT1 Datasheet
1Mb / 15P
High Speed Phototransistor Optocoupl
More results

Similar Description - CTW138

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S11MD7T SHARP-S11MD7T Datasheet
62Kb / 5P
Low Input Driving Type Phototriac Coupler
logo
List of Unclassifed Man...
4N32-1 ETC1-4N32-1 Datasheet
45Kb / 3P
LOW INPUT CURRENT PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
logo
Vishay Siliconix
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
VO221AT VISHAY-VO221AT Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
logo
CT Micro International ...
6N138 CTMICRO-6N138 Datasheet
1Mb / 15P
Low Input Current Photodarlington Coupler
logo
Silicon Touch Technolog...
VM114 SITI-VM114 Datasheet
259Kb / 8P
Low input current
logo
Vishay Siliconix
IL221AT VISHAY-IL221AT_V01 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
VO221AT VISHAY-VO221AT_V02 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com