Electronic Components Datasheet Search
  English  ▼

X  

CTW138 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CTW138
Description  Low Input Current Photodarlington Coupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTW138 Datasheet(HTML) 3 Page - CT Micro International Corporation

  CTW138 Datasheet HTML 1Page - CT Micro International Corporation CTW138 Datasheet HTML 2Page - CT Micro International Corporation CTW138 Datasheet HTML 3Page - CT Micro International Corporation CTW138 Datasheet HTML 4Page - CT Micro International Corporation CTW138 Datasheet HTML 5Page - CT Micro International Corporation CTW138 Datasheet HTML 6Page - CT Micro International Corporation CTW138 Datasheet HTML 7Page - CT Micro International Corporation CTW138 Datasheet HTML 8Page - CT Micro International Corporation CTW138 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 3
May, 2016
CTW138, CTW139
Low Input Current Photodarlington Coupler
Electrical Characteristics T
A = 0 - 70°C, VCC=4.5V (unless otherwise specified).
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF = 16mA
-
1.45
1.6
V
IR
Reverse Current
VR = 5V
-
-
5
µA
VF/ TA
Temperature coefficient of forward
voltage
IF =16mA
-
-1.8
-
mV/°C
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
IOH
Logic High Output
Current
CTW139
IF=0mA, VO=VCC=18V,
-
0.008
80
µA
CTW138
-
-
200
ICCL
Logic Low Supply Current
IF=1.6mA, VO=Open,
VCC=18V
-
0.5
1.4
mA
ICCH
Logic High Supply Current
IF=0mA, VO=Open,
VCC=18V
-
0.04
8
µA
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CTR
Current Transfer
Ratio
CTW139
IF=0.5mA, VO=0.4V,
400
2500
-
%
CTW138
IF=1.6mA, VO=0.5V,
300
2000
-
CTW139
500
2000
-
VOL
Logic Low Output
Voltage
CTW139
IF= 0.5mA, IO= 2mA
-
0.04
0.4
V
IF= 1.6mA, IO= 8mA
-
0.08
0.4
IF= 5mA, IO= 15mA
-
0.11
0.4
IF= 12mA, IO= 24mA
-
0.16
0.4
CTW138
IF= 1.6mA, IO= 4.8mA
-
0.05
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com