Electronic Components Datasheet Search
  English  ▼

X  

TDA7330BD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7330BD
Description  SINGLE CHIP RDS DEMODULATOR FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7330BD Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7330BD Datasheet HTML 1Page - STMicroelectronics TDA7330BD Datasheet HTML 2Page - STMicroelectronics TDA7330BD Datasheet HTML 3Page - STMicroelectronics TDA7330BD Datasheet HTML 4Page - STMicroelectronics TDA7330BD Datasheet HTML 5Page - STMicroelectronics TDA7330BD Datasheet HTML 6Page - STMicroelectronics TDA7330BD Datasheet HTML 7Page - STMicroelectronics TDA7330BD Datasheet HTML 8Page - STMicroelectronics TDA7330BD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA7330B
SINGLE CHIP RDS DEMODULATOR + FILTER
HIGH PERFORMANCE, 57KHz BANDPASS
FILTER (8th ORDER)
FILTER ADJUSTMENT FREE AND WITHOUT
EXTERNAL COMPONENTS
PURELY
DIGITAL RDS DEMODULATION
WITHOUT EXTERNAL COMPONENTS
ARI (SK INDICATION) AND RDS SIGNAL
QUALITY OUTPUT
4.332MHz CRYSTAL OSCILLATOR
(8.664MHz OPTIONAL)
LOW NOISE MIXED BIPOLAR/CMOS TECH-
NOLOGY
DESCRIPTION
The TDA7330B is a RDS demodulator. It recov-
ers the additional inaudible RDS information
which is transmitted by FM radio broadcasting
stations.
The output data signal (RDDA) and clock signal
(RDCL) can be further processed by a suitable
RDS decoder (microprocessor).
The device operates in accordance with the EBU
(European Broadcasting Union) specifications.
The IC includes a 2nd order antialiasing input fil-
ter, a 57KHz switched capacitor band pass filter,
a smoothing filter and cross detector, a bit rate
clock recovery circuit, a 57KHz PLL, BI-PHASE
PSK decoder, differential decoding circuit, ARI in-
dication and RDS signal quality output.
November 1999
®
BLOCK DIAGRAM
DIP20
SO20
ORDERING NUMBERS:
TDA7330B
TDA7330BD
1/9


Similar Part No. - TDA7330BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7330BD STMICROELECTRONICS-TDA7330BD Datasheet
114Kb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
More results

Similar Description - TDA7330BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7330B STMICROELECTRONICS-TDA7330B Datasheet
114Kb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7331 STMICROELECTRONICS-TDA7331 Datasheet
56Kb / 7P
SINGLE CHIP RDS DEMODULATOR FILTER
Feb-1998
TDA7479 STMICROELECTRONICS-TDA7479 Datasheet
55Kb / 7P
SINGLE CHIP RDS DEMODULATOR FILTER
Feb-1998
logo
Sanyo Semicon Device
STK311-110 SANYO-STK311-110 Datasheet
149Kb / 5P
RDS Demodulator
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
RDS Demodulator
logo
STMicroelectronics
TDA7478 STMICROELECTRONICS-TDA7478 Datasheet
168Kb / 8P
SINGLE CHIP RDS DEMODULATOR
Rev. 2
TDA7479 STMICROELECTRONICS-TDA7479_04 Datasheet
176Kb / 8P
SINGLE CHIP RDS DEMODULATOR FILTER
Dec-2004
TDA7478 STMICROELECTRONICS-TDA7478_11 Datasheet
151Kb / 11P
Single chip RDS demodulator
30-Jun-2011
TDA7479 STMICROELECTRONICS-TDA7479_08 Datasheet
151Kb / 12P
Single chip RDS demodulator filter
04-Nov-2008
TDA7479DTR STMICROELECTRONICS-TDA7479DTR Datasheet
151Kb / 12P
Single chip RDS demodulator filter
04-Nov-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com