Electronic Components Datasheet Search
  English  ▼

X  

TDA7330BD Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7330BD
Description  SINGLE CHIP RDS DEMODULATOR FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7330BD Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7330BD Datasheet HTML 1Page - STMicroelectronics TDA7330BD Datasheet HTML 2Page - STMicroelectronics TDA7330BD Datasheet HTML 3Page - STMicroelectronics TDA7330BD Datasheet HTML 4Page - STMicroelectronics TDA7330BD Datasheet HTML 5Page - STMicroelectronics TDA7330BD Datasheet HTML 6Page - STMicroelectronics TDA7330BD Datasheet HTML 7Page - STMicroelectronics TDA7330BD Datasheet HTML 8Page - STMicroelectronics TDA7330BD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
OUTPUT TIMING
The generated 1187.5Hz output clock (RDCL
line) is synchronized to the incoming data.
According to the internal PLL lock condition this
data change can results on the falling or on the
rising clock edge.
Whichever clock edge is used by the decoder (ris-
ing or falling edge) the data will remain valid for
416.7
µsec after the clock transition.
Figure 2: RDS timing diagram
Figure 3: Test Circuit
Measure
f1 (KHz)
f2 (KHz)
f3 (KHz)
∆Ph max
A
56.5
57
57.5
<5
°
B
565758
<7.5
°
C
55.5
57
58.5
<10
°
Note(2): The 3th harmonic (57KHz) must be less than -40dB in respect to the input signal 19KHz plus gain.
ELECTRICAL CHARACTERISTICS (continued)
TDA7330B
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com