Electronic Components Datasheet Search
  English  ▼

X  

BD142 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BD142
Description  NPN Silicon Transistor Power Linerar and Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BD142 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BD142 Datasheet HTML 1Page - List of Unclassifed Manufacturers BD142 Datasheet HTML 2Page - List of Unclassifed Manufacturers BD142 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMSET SEMICONDUCTORS
1/3
LF Large Signal Power Amplification
Low Saturation Voltage
High Dissipation Rating
Intended for a wide variety of intermediate-power applications.
It is especially suited for use in audio and inverter circuits at 12 volts.
NPN SILICON TRANSISTOR
POWER LINERAR AND SWITCHING
APPLICATIONS
BD142
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
45
V
VEBO
Collector-Emitter Voltage
45
V
VCBO
Emitter-Base Voltage
7V
VCEX
Collector-Emitter Voltage
VBE=-1.5 V
50
V
IC
Collector Current
15
A
IB
Base Current
7
A
PT
Power Dissipation
@ TC = 25°
117
Watts
TJ
Junction Temperature
TS
Storage Temperature
-65 to +200
°C


Similar Part No. - BD142

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BD142 SAVANTIC-BD142 Datasheet
108Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BD142 COMSET-BD142 Datasheet
81Kb / 3P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Inchange Semiconductor ...
BD142 ISC-BD142 Datasheet
129Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BD142 COMSET-BD142 Datasheet
75Kb / 2P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Savantic, Inc.
BD142 SAVANTIC-BD142 Datasheet
109Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BD142

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2333 NTE-NTE2333 Datasheet
29Kb / 3P
Silicon NPN Power Transistor for Switching Power Applications
logo
Wing Shing Computer Com...
2SC5416LS WINGS-2SC5416LS Datasheet
65Kb / 1P
NPN SILICON TRANSISTOR(HIGH VOLTAGE POWER SWITCHING APPLICATIONS)
BUT11 WINGS-BUT11 Datasheet
22Kb / 1P
NPN SILICON TRANSISTOR(HIGH VOLTAGE POWER SWITCHING APPLICATIONS)
logo
List of Unclassifed Man...
BD183 ETC1-BD183 Datasheet
144Kb / 3P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BCX20 FAIRCHILD-BCX20 Datasheet
78Kb / 3P
NPN Epitaxial Silicon Transistor Switching and Amplifier Applications
logo
Comset Semiconductor
BD130 COMSET-BD130 Datasheet
156Kb / 3P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD142 COMSET-BD142 Datasheet
81Kb / 3P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD181 COMSET-BD181 Datasheet
150Kb / 3P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD142 COMSET-BD142_12 Datasheet
75Kb / 2P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD181 COMSET-BD181_12 Datasheet
78Kb / 3P
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com