Electronic Components Datasheet Search
  English  ▼

X  

BD142 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BD142
Description  NPN Silicon Transistor Power Linerar and Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BD142 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BD142 Datasheet HTML 1Page - List of Unclassifed Manufacturers BD142 Datasheet HTML 2Page - List of Unclassifed Manufacturers BD142 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMSET SEMICONDUCTORS
2/3
BD142
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
1.5
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
VCEO(BR)
Collector-Emitter
Breakdown Voltage (*)
IC=200 mA, IB=0
45
V
VCEX(BR)
Collector-Emitter
Breakdown Voltage (*)
IC=100 mA, VBE=-1.5 V
50
V
VCE(SAT)
Collector-Emitter Saturation
Voltage (*)
IC=4 A, IB=0.4 A
--
1.1
V
ICEX
Collector-Emitter Cutoff
Current
VCE=100 V
VBE=-1.5 V
--
2
mA
IEBO
Emitter-Base Cutoff Current
VEB=7 V
--
1
mA
VBE
Base-Emitter Voltage (*)
IC=4.0 A, VCE=4.0V
--
1.5
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com