Electronic Components Datasheet Search
  English  ▼

X  

TLP3022 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3022
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3022 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3022 Datasheet HTML 1Page - Toshiba Semiconductor TLP3022 Datasheet HTML 2Page - Toshiba Semiconductor TLP3022 Datasheet HTML 3Page - Toshiba Semiconductor TLP3022 Datasheet HTML 4Page - Toshiba Semiconductor TLP3022 Datasheet HTML 5Page - Toshiba Semiconductor TLP3022 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3020, TLP3021, TLP3022, TLP3023
2001-06-13
1
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3020,TLP3021,TLP3022,TLP3023
OFFICE MACHINE
HOUSEHOLD USE EQUIPMENT
TRIAC DRIVER
SOLID STATE RELAY
The TOSHIBA TLP3020, TLP3021, TLP3022 and TLP3023 consist of a
photo-triac optically coupled to a gallium arsenide infrared emitting diode
in a six lead plastic DIP package.
l Peak Off-State Voltage
: 400 V (Min.)
l Trigger LED Current
: 30mA (Max.) (TLP3020)
15 mA (Max.) (TLP3021)
10 mA (Max.) (TLP3022)
5 mA (Max.) (TLP3023)
l On-State Current
: 100 mA (Max.)
l UL Recognized
: UL1577, File No. E67349
l Isolation Voltage
: 5000 Vrms (Min.)
l Option (D4) Type
l VDE Approved
: DIN VDE0884 / 08.87,
Certificate No. 68329
Maximum Operating Insulation Voltage: 630 VPK
Highest Permissible Over Voltage: 6000 VPK
Note:
When a VDE0884 approved type is needed, please designate
the ” Option (D4) ”
7.62mm pich
10.16 mm pich
standard type
(LF2) type
l Creepage Distance
:
7.0 mm (Min.)
8.0 mm (Min.)
Clearance
:
7.0 mm (Min.)
8.0 mm (Min.)
Insulation Thickness :
0.5 mm (Min.)
0.5 mm (Min.)
1: ANODE
2: CATHODE
3: N.C.
4: TERMINAL 1
6: TERMINAL 2
JEDEC
―
EIAJ
―
TOSHIBA
11-9A2
Weight: 0.44g
PIN CONFIGURATION (TOP VIEW)
Unit: mm


Similar Part No. - TLP3022

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3022 TOSHIBA-TLP3022 Datasheet
347Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3022 TOSHIBA-TLP3022 Datasheet
313Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3022F TOSHIBA-TLP3022F Datasheet
101Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3022FS TOSHIBA-TLP3022FS Datasheet
101Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3022S TOSHIBA-TLP3022S Datasheet
347Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results

Similar Description - TLP3022

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
25-Sep-2002
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
TOSHIBA Photocoupler GaAs IRED&Photo-triac
17-Jan-2002
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
24-May-2002
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com