Electronic Components Datasheet Search
  English  ▼

X  

TLP3022 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3022
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3022 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3022 Datasheet HTML 1Page - Toshiba Semiconductor TLP3022 Datasheet HTML 2Page - Toshiba Semiconductor TLP3022 Datasheet HTML 3Page - Toshiba Semiconductor TLP3022 Datasheet HTML 4Page - Toshiba Semiconductor TLP3022 Datasheet HTML 5Page - Toshiba Semiconductor TLP3022 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP3020, TLP3021, TLP3022, TLP3023
2001-06-13
2
MAXIMUM RATINGS (Ta=25
°°°°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Forward Current Derating
(Ta ≥ 53
°C)
DIF/°C
−0.7
mA/
°C
Peak Forward Current
(100
ms pulse, 100pps)
IFP
1
A
Power Dissipation
PD
100
mW
Power Dissipation Derating
(Ta ≥ 25
°C)
DPD/°C
−1.0
mW/
°C
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Off-State Output Terminal Voltage
VDRM
400
V
On-Stage RMS
Ta=25
°C
100
Current
Ta=70
°C
IT(RMS)
50
mA
On-State Current Derating
(Ta ≥ 25
°C)
DIT/°C
−1.1
mA/
°C
Peak On-Stage Current
(100
ms pulse, 120pps)
ITP
2
A
Peak Nonrepetitive Surge
Current (PW=10ms, DC=10%)
ITSM
1.2
A
Power Dissipation
PD
300
mW
Power Dissipation Derating
(Ta ≥ 25
°C)
DPD/°C
−4.0
mW/
°C
Junction Temperature
Tj
115
°C
Storage Temperature Range
Tstg
−55
~ 150
°C
Operating Temperature Range
Topr
−40
~ 100
°C
Lead Soldering Temperature (10s)
Tsol
260
°C
Total Package Power Dissipation
PT
330
mW
Total Package Power Dissipation
Derating (Ta ≥ 25
°C)
DPT/°C
−4.4
mW/
°C
Isolation Voltage
(AC, 1 min., R.H. ≤ 60%) (Note 1)
BVS
5000
Vrms
Note 1: Device considered a two terminal device :Pins 1, 2 and 3 shorted together and pins 4 and 6 shorted
together.
RECOMMENDED OPERATING CONDISTIONS
CHARACTERISTICS
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Voltage
VAC
¾
¾
120
Vac
Forward Current
IF*
15
20
25
mA
Peak On-Stage Current
ITP
¾
¾
1
A
Operating Temperature
Topr
−25
¾
85
°C
*: In the case of TLP3022



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com