Electronic Components Datasheet Search
  English  ▼

X  

FM25V40-GC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # FM25V40-GC
Description  4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V40-GC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button FM25V40-GC Datasheet HTML 5Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 6Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 7Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 8Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 9Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 10Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 11Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 12Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
PRELIMINARY
FM25V40
Document Number: 001-87288 Rev. *A
Page 9 of 23
Read Operation
After the falling edge of CS, the bus master can issue a READ
opcode. Following the READ command is a three-byte address
containing the 19-bit address (A18-A0) of the first byte of the
read operation. The upper five bits of the address are ignored.
After the opcode and address are issued, the device drives out
the read data on the next eight clocks. The SI input is ignored
during read data bytes. Subsequent bytes are data bytes, which
are read out sequentially. Addresses are incremented internally
as long as the bus master continues to issue clocks and CS is
LOW. If the last address of 7FFFFh is reached, the counter will
roll over to 00000h. Data is read MSB first. The rising edge of CS
terminates a read operation and tristates the SO pin. A read
operation is shown in Figure 12.
Fast Read Operation
The FM25V40 supports a FAST READ opcode (0Bh) that is
provided for code compatibility with serial flash devices. The
FAST READ opcode is followed by a three-byte address
containing the 19-bit address (A18-A0) of the first byte of the
read operation and then a dummy byte. The dummy byte inserts
a read latency of 8-clock cycle. The fast read operation is
otherwise the same as an ordinary read operation except that it
requires an additional dummy byte. After receiving opcode,
address, and a dummy byte, the FM25V40 starts driving its SO
line with data bytes, with MSB first, and continues transmitting
as long as the device is selected and the clock is available. In
case of bulk read, the internal address counter is incremented
automatically, and after the last address 7FFFFh is reached, the
counter rolls over to 00000h. When the device is driving data on
its SO line, any transition on its SI line is ignored. The rising edge
of CS terminates a fast read operation and tristates the SO pin.
A Fast Read operation is shown in Figure 13.
Figure 11. Memory Write (WREN not shown) Operation
Figure 12. Memory Read Operation
CS
SCK
SO
0123
4
5
6
7
0
7
6
5
4
3
2
1
20 21 22 23 01234567
MSB
LSB
Data
D0
D1
D2
D3
D4
D5
D6
D7
SI
Opcode
0
0
0
0
001
X
X
X
X
X
A17
0
A18
A16
A3
A1
A2
A0
19-bit Address
MSB
LSB
HI-Z
CS
SCK
SO
01
23
456
7
0
7
6
5
4
3
2
1
20 21 22 23 0123
45
6
7
MSB
LSB
Data
SI
Opcode
00
0
0
0
0
1
X
X
X
X
X
A17
1
A18
A16
A3
A1
A2
A0
19-bit Address
MSB
LSB
D0
D1
D2
D3
D4
D5
D6
D7
HI-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com