Electronic Components Datasheet Search
  English  ▼

X  

FM25V40-GC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # FM25V40-GC
Description  4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V40-GC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button FM25V40-GC Datasheet HTML 9Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 10Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 11Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 12Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 13Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 14Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 15Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 16Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PRELIMINARY
FM25V40
Document Number: 001-87288 Rev. *A
Page 13 of 23
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –55
C to +125 C
Maximum junction temperature ..................................... TBD
Supply voltage on VDD relative to VSS .........–1.0 V to +4.5 V
Input voltage ........... –1.0 V to +4.5 V and VIN < VDD + 1.0 V
DC voltage applied to outputs
in High-Z state .................................... –0.5 V to VDD + 0.5 V
Transient voltage (< 20 ns) on
any pin to ground potential ................. –2.0 V to VDD + 2.0 V
Package power dissipation
capability (TA = 25 °C) ................................................. 1.0 W
Surface mount lead soldering
temperature (3 seconds) ......................................... +260
C
DC output current (1 output at a time, 1s duration) ....... TBD
Electrostatic Discharge Voltage
Human Body Model (JEDEC Std JESD22-A114-B) .............. TBD
Charged Device Model (JEDEC Std JESD22-C101-A) .......... TBD
Machine Model (JEDEC Std JESD22-A115-A)........................ TBD
Latch-up current ......................................................... > TBD
Operating Range
Range
Ambient Temperature (TA)
VDD
Commercial
–0
C to +70 C
2.0 V to 3.6 V
DC Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
Min
Typ[3]
Max
Unit
VDD
Power supply
2.0
3.3
3.6
V
IDD
VDD supply current
SCK
toggling
between
VDD – 0.2 V and VSS,
other inputs
VSS or VDD – 0.2 V.
SO = Open
fSCK = 1 MHz;
–
–
0.3
mA
fSCK = 40 MHz;
–
1.5
3
mA
ISB
VDD standby current
CS = VDD. All other
inputs VSS or VDD.
TA = 25 C
–
120
150
A
TA = 70 C–
–
240
A
IZZ
Sleep mode current
CS = VDD.
All other inputs VSS or
VDD.
TA = 25 C
–35
A
TA = 70 C
––7
A
ILI
Input leakage current
VSS < VIN < VDD
––
±1
A
ILO
Output leakage current
VSS < VOUT < VDD
––
±1
A
VIH
Input HIGH voltage
0.7 × VDD
–VDD + 0.3
V
VIL
Input LOW voltage
– 0.3
–
0.3 × VDD
V
VOH1
Output HIGH voltage
IOH = –1 mA, VDD = 2.7 V.
2.4
–
–
V
VOH2
Output HIGH voltage
IOH = –100 AVDD – 0.2
–
–
V
VOL1
Output LOW voltage
IOL = 2 mA, VDD = 2.7 V
–
–
0.4
V
VOL2
Output LOW voltage
IOL = 150 A–
–
0.2
V
Note
3. Typical values are at 25 °C, VDD = VDD (typ). Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com