Electronic Components Datasheet Search
  English  ▼

X  

9892 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9892
Description  20 AWG stranded (7x28) .038 tinned copper conductors, Datalene짰 insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9892 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9892 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9892 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9892 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mechanical Characteristics (Overall)
Operating Temperature Range:
-40°C To +80°C
UL Temperature Rating:
80°C (UL AWM Style 2919)
Bulk Cable Weight:
138.403 Kg/Km
Max. Recommended Pulling Tension:
778.435 N
Min. Bend Radius/Minor Axis:
101.600 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CL2, CM
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 2919 (30 V 80°C)
IEEE Specification:
IEEE802.3 10Base5
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Customer Part Number Reference Specification:
DEC Part No. 17-01320-00
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
89901
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
78
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
54.7927
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
96.7895
Nominal Velocity of Propagation:
VP (%)
78
Nominal Delay:
Delay (ns/m)
4.2653
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
31.1695
Nom. Inner Shield DC Resistance:
Page 2 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9892 Multi-Conductor - 10 Base 5 Transceiver



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com