Electronic Components Datasheet Search
  English  ▼

X  

9892 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9892
Description  20 AWG stranded (7x28) .038 tinned copper conductors, Datalene짰 insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9892 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9892 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9892 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9892 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DCR @ 20°C (Ohm/km)
6.2339
Max. Attenuation:
Description Freq. (MHz) Start Freq. (MHz) Stop Freq. (MHz) Attenuation (dB/100 m)
10
6
Max. Operating Voltage - UL:
Voltage
Description
30 V RMS
UL AWM Style 2919
150 V RMS CL2
300 V RMS CM
Max. Recommended Current:
Current
2.8 Amps per conductor @ 25°C
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9892 0061000
305 MT
45.813 KG
BLUE, LIGHT
C
4PR #20 FHDPE/PVC SH PVC
9892 006500
152 MT
23.360 KG
BLUE, LIGHT
C
4PR #20 FHDPE/PVC SH PVC
9892 0065000
1,524 MT
240.405 KG
BLUE, LIGHT
C
4 PR #20 FHDPE/PVC SH PVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 10-17-2012
© 2013 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 3 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9892 Multi-Conductor - 10 Base 5 Transceiver



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com