Electronic Components Datasheet Search
  English  ▼

X  

GTL2006 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # GTL2006
Description  13-bit GTL-/GTL/GTL to LVTTL translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2006 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button GTL2006 Datasheet HTML 4Page - NXP Semiconductors GTL2006 Datasheet HTML 5Page - NXP Semiconductors GTL2006 Datasheet HTML 6Page - NXP Semiconductors GTL2006 Datasheet HTML 7Page - NXP Semiconductors GTL2006 Datasheet HTML 8Page - NXP Semiconductors GTL2006 Datasheet HTML 9Page - NXP Semiconductors GTL2006 Datasheet HTML 10Page - NXP Semiconductors GTL2006 Datasheet HTML 11Page - NXP Semiconductors GTL2006 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product data
GTL2006
13-bit GTL–/GTL/GTL+ to LVTTL translator
2004 Jun 21
8
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
–40
°C to +85 °C
UNIT
MIN
TYP1
MAX
VO
A port
VCC = 3.0 V to 3.6 V; IOH = –100 µA
VCC–0.2
—
—
V
VOH
A port
VCC = 3.0 V; IOH = –16 mA
2.1
—
—
V
VO
A port
VCC = 3.0 V; IOL = 16 mA
—
—
0.8
V
VOL
B port
VCC = 3.0 V; IOL = 15 mA
—
—
0.4
V
A port
VCC = 3.6 V; VI = VCC
—
—
± 1
II
A port
VCC = 3.6 V; VI = 0 V
—
—
± 1
µA
B port
VCC = 3.6 V; VI = VTT or GND
—
—
± 1
ICC
A or B port
VCC = 3.6 V;VI = VCC or GND; IO = 0 mA
—
—
12
mA
∆ICC3
A port or control inputs
VCC = 3.6 V; VI = VCC – 0.6 V
—
—
500
µA
C O
A port
VO = 3.0 V or 0 V
—
7.8
—
pF
CIO
B port
VO = VTT or 0 V
—
4.5
—
pF
NOTES:
1. All typical values are measured at VCC = 3.3 V and Tamb = 25 °C.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
3. This is the increase in supply current for each input that is at the specified LVTTL voltage level rather than VCC or GND.
AC CHARACTERISTICS (3.3 V
± 0.3 V RANGE)
LIMITS (GTL–)
LIMITS (GTL)
LIMITS (GTL+)
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 V ± 0.3 V
VREF = 0.6 V
VCC = 3.3 V ± 0.3 V
VREF = 0.8 V
VCC = 3.3 V ± 0.3 V
VREF = 1.0 V
UNIT
MIN
TYP1
MAX
MIN
TYP1
MAX
MIN
TYP1
MAX
tPLH
tPHL
An to Bn
1
2
2
4
5.5
8
10
2
2
4
5.5
8
10
2
2
4
5.5
8
10
ns
tPLH
tPHL
Bn to An
2
2
2
5.5
5.5
10
10
2
2
5.5
5.5
10
10
2
2
5.5
5.5
10
10
ns
tPLH
tPHL
9BI to 10BOn
2
2
6
6
11
11
2
2
6
6
11
11
2
2
6
6
11
11
ns
tPLH
tPHL2
11BI to 11BO
2
2
8
14
13
21
2
2
8
14
13
21
2
2
8
14
13
21
ns
tPLZ
tPZH
Bn to An (I/O)
3
2
2
5
5
10
10
2
2
5
5
10
10
2
2
5
5
10
10
ns
tPLH
tPHL
Bn to Bn
3
4
120
7
205
11
350
4
120
7
205
11
350
4
120
7
205
11
350
ns
NOTES:
1. All typical values are at VCC = 3.3 V and Tamb = 25 °C.
2. Includes
∼7.6 ns RC rise time of test load pull-up on 11A, 1.5 kΩ pull-up and 21 pF load on 11A has about 23 ns RC rise time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com