Electronic Components Datasheet Search
  English  ▼

X  

GTL2006 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # GTL2006
Description  13-bit GTL-/GTL/GTL to LVTTL translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2006 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button GTL2006 Datasheet HTML 6Page - NXP Semiconductors GTL2006 Datasheet HTML 7Page - NXP Semiconductors GTL2006 Datasheet HTML 8Page - NXP Semiconductors GTL2006 Datasheet HTML 9Page - NXP Semiconductors GTL2006 Datasheet HTML 10Page - NXP Semiconductors GTL2006 Datasheet HTML 11Page - NXP Semiconductors GTL2006 Datasheet HTML 12Page - NXP Semiconductors GTL2006 Datasheet HTML 13Page - NXP Semiconductors GTL2006 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Philips Semiconductors
Product data
GTL2006
13-bit GTL–/GTL/GTL+ to LVTTL translator
2004 Jun 21
13
REVISION HISTORY
Rev
Date
Description
_2
20040621
Product data (9397 750 13063). Supersedes data of 2003 Dec 18.
Modifications:
• All figures numbered.
• Figure 2, “Logic symbol” modified.
• Page 6, Frequently asked Questions: add questions/answers 4, 5, 6, 6A, and 7.
• Page 8, AC Characteristics (3.3 V ± 0.3 Range); t
PHL An to Bn, GTL+ maximum: change from ‘1. ns’ to ‘10 ns’.
• Add “Performance curves” section on page 10.
_1
20031218
Product data (9397 750 12562); ECN 853-2440 01-A14985 dated 15 December 2003.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com