Electronic Components Datasheet Search
  English  ▼

X  

IRF7343 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7343
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7343 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF7343 Datasheet HTML 2Page - International Rectifier IRF7343 Datasheet HTML 3Page - International Rectifier IRF7343 Datasheet HTML 4Page - International Rectifier IRF7343 Datasheet HTML 5Page - International Rectifier IRF7343 Datasheet HTML 6Page - International Rectifier IRF7343 Datasheet HTML 7Page - International Rectifier IRF7343 Datasheet HTML 8Page - International Rectifier IRF7343 Datasheet HTML 9Page - International Rectifier IRF7343 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF7343
6
www.irf.com
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
-15V
-12V
-10V
-8.0V
-6.0V
-4.0V
-3.5V
-3.0V
-V
, Drain-to-Source Voltage (V)
DS
-3.0V
Fig 14. Typical Transfer Characteristics
Fig 13. Typical Output Characteristics
Fig 12. Typical Output Characteristics
Fig 15. Typical Source-Drain Diode
Forward Voltage
P-Channel
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
-15V
-12V
-10V
-8.0V
-6.0V
-4.0V
-3.5V
-3.0V
-V
, Drain-to-Source Voltage (V)
DS
-3.0V
1
10
100
3
4
5
6
7
V
= -25V
20µs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
-4.5V
-4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com