Electronic Components Datasheet Search
  English  ▼

X  

IRF7343 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7343
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7343 Datasheet(HTML) 1 Page - International Rectifier

  IRF7343 Datasheet HTML 1Page - International Rectifier IRF7343 Datasheet HTML 2Page - International Rectifier IRF7343 Datasheet HTML 3Page - International Rectifier IRF7343 Datasheet HTML 4Page - International Rectifier IRF7343 Datasheet HTML 5Page - International Rectifier IRF7343 Datasheet HTML 6Page - International Rectifier IRF7343 Datasheet HTML 7Page - International Rectifier IRF7343 Datasheet HTML 8Page - International Rectifier IRF7343 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N-Ch
P-Ch
VDSS
55V
-55V
RDS(on) 0.050Ω 0.105Ω
HEXFET® Power MOSFET
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications.
With these improvements,
multiple devices can be used in an application with
dramatically reduced board space. The package is
designed for vapor phase, infra red, or wave soldering
techniques.
2/24/99
SO -8
l Generation V Technology
l Ultra Low On-Resistance
l Dual N and P Channel MOSFET
l Surface Mount
l Fully Avalanche Rated
IRF7343
Description
D1
N- CHA NNE L M O S FE T
P -CHA NNE L M O S F E T
D1
D2
D2
G1
S2
G2
S1
T op V iew
8
1
2
3
4
5
6
7
Max.
N-Channel
P-Channel
Units
VDS
Drain-Source Voltage
55
-55
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
4.7
-3.4
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
3.8
-2.7
IDM
Pulsed Drain Current

38
-27
PD @TA = 25°C
Maximum Power Dissipation
…
2.0
W
PD @TA = 70°C
Maximum Power Dissipation
…
1.3
W
EAS
Single Pulse Avalanche Energy
ƒ
72
114
mJ
IAR
Avalanche Current
4.7
-3.4
A
EAR
Repetitive Avalanche Energy
0.20
mJ
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
‚
5.0
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
A
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
…
–––
62.5
°C/W
Thermal Resistance
www.irf.com
1
PD -91709


Similar Part No. - IRF7343

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF7343 EVVOSEMI-IRF7343 Datasheet
370Kb / 10P
Dual N P Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7343IPBF IRF-IRF7343IPBF Datasheet
210Kb / 10P
HEXFET Power MOSFET
IRF7343PBF IRF-IRF7343PBF Datasheet
219Kb / 10P
HEXFET Power MOSFET
IRF7343PBF IRF-IRF7343PBF Datasheet
225Kb / 10P
DUAL N AND P CHANNEL MOSFET
IRF7343PBF IRF-IRF7343PBF_15 Datasheet
225Kb / 10P
DUAL N AND P CHANNEL MOSFET
More results

Similar Description - IRF7343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com