Electronic Components Datasheet Search
  English  ▼

X  

IRLML2502 Datasheet(PDF) 7 Page - International Rectifier

Part # IRLML2502
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2502 Datasheet(HTML) 7 Page - International Rectifier

  IRLML2502 Datasheet HTML 1Page - International Rectifier IRLML2502 Datasheet HTML 2Page - International Rectifier IRLML2502 Datasheet HTML 3Page - International Rectifier IRLML2502 Datasheet HTML 4Page - International Rectifier IRLML2502 Datasheet HTML 5Page - International Rectifier IRLML2502 Datasheet HTML 6Page - International Rectifier IRLML2502 Datasheet HTML 7Page - International Rectifier IRLML2502 Datasheet HTML 8Page - International Rectifier IRLML2502 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRLML2502
www.irf.com
7
Dimensions are shown in millimeters (inches)
Micro3 Package Outline
LEAD ASSIGNMENTS
1 - GATE
2 - SOURCE
3 - DRAIN
L
3X
3X
C
θ
A1
- C -
B
3X
A
e
e1
0.008 (.003)
3
1
2
E
- A -
- B -
D
H
0.20 ( .008 )
M
A M
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
.032
.044
0.82
1.11
A1
.001
.004
0.02
0.10
B
.015
.021
0.38
0.54
C
.004
.006
0.10
0.15
D
.105
.120
2.67
3.05
e
.0750 BASIC
1.90 BASIC
e1
.0375 BASIC
0.95 BASIC
E
.047
.055
1.20
1.40
H
.083
.098
2.10
2.50
L
.005
.010
0.13
0.25
θ
0°
8°
0°
8°
0.10 (.004)
M
C A S B S
MINIMUM RECOMMENDED FOOTPRINT
0.80 ( .031 )
3X
2.00
( .079 )
0.95 ( .037 )
2X
0.90
( .035 )
3X
3
3
3
NOTES:
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1982.
2. CONTROLLING DIMENSION : INCH.
DIMENSIONS DO NOT INCLUDE MOLD FLASH.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com