Electronic Components Datasheet Search
  English  ▼

X  

IRLML2502 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML2502
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2502 Datasheet(HTML) 1 Page - International Rectifier

  IRLML2502 Datasheet HTML 1Page - International Rectifier IRLML2502 Datasheet HTML 2Page - International Rectifier IRLML2502 Datasheet HTML 3Page - International Rectifier IRLML2502 Datasheet HTML 4Page - International Rectifier IRLML2502 Datasheet HTML 5Page - International Rectifier IRLML2502 Datasheet HTML 6Page - International Rectifier IRLML2502 Datasheet HTML 7Page - International Rectifier IRLML2502 Datasheet HTML 8Page - International Rectifier IRLML2502 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
75
100
°C/W
IRLML2502
HEXFET® Power MOSFET
These N-Channel MOSFETs from International Rectifier
utilize advanced processing techniques to achieve extremely
low on-resistance per silicon area. This benefit, combined
with the fast switching speed and ruggedized device design
that HEXFETpower MOSFETs are well known for, provides
the designer with an extremely efficient and reliable device
for use in battery and load management.
A thermally enhanced large pad leadframe has been
incorporated into the standard SOT-23 package to produce
a HEXFET Power MOSFET with the industry's smallest
footprint. This package, dubbed the Micro3
, is ideal for
applications where printed circuit board space is at a
premium. The low profile (<1.1mm) of the Micro3 allows it
to fit easily into extremely thin application environments
such as portable electronics and PCMCIA cards. The thermal
resistance and power dissipation are the best available.
Thermal Resistance
VDSS = 20V
RDS(on) = 0.045Ω
l Ultra Low On-Resistance
l N-Channel MOSFET
l SOT-23 Footprint
l Low Profile (<1.1mm)
l Available in Tape and Reel
l Fast Switching
Description
04/30/03
www.irf.com
1
Parameter
Max.
Units
VDS
Drain- Source Voltage
20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
4.2
ID @ TA= 70°C
Continuous Drain Current, VGS @ 4.5V
3.4
A
IDM
Pulsed Drain Current

33
PD @TA = 25°C
Power Dissipation
1.25
PD @TA = 70°C
Power Dissipation
0.8
Linear Derating Factor
0.01
W/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
W
Micro3
D
S
G
3
1
2
PD - 93757C


Similar Part No. - IRLML2502

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
IRLML2502 KEXIN-IRLML2502 Datasheet
1Mb / 5P
N-Channel MOSFET
logo
Shenzhen Tuofeng Semico...
IRLML2502 TUOFENG-IRLML2502 Datasheet
2Mb / 5P
N-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
logo
Infineon Technologies A...
IRLML2502 INFINEON-IRLML2502 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
logo
Guangdong Youtai Semico...
IRLML2502 UMW-IRLML2502 Datasheet
784Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
logo
EVER SEMICONDUCTOR CO.,...
IRLML2502 EVVOSEMI-IRLML2502 Datasheet
559Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
Rev:2023A2
More results

Similar Description - IRLML2502

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com