Electronic Components Datasheet Search
  English  ▼

X  

LMV710 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV710
Description  Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV710 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMV710 Datasheet HTML 10Page - National Semiconductor (TI) LMV710 Datasheet HTML 11Page - National Semiconductor (TI) LMV710 Datasheet HTML 12Page - National Semiconductor (TI) LMV710 Datasheet HTML 13Page - National Semiconductor (TI) LMV710 Datasheet HTML 14Page - National Semiconductor (TI) LMV710 Datasheet HTML 15Page - National Semiconductor (TI) LMV710 Datasheet HTML 16Page - National Semiconductor (TI) LMV710 Datasheet HTML 17Page - National Semiconductor (TI) LMV710 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application Note (Continued)
GSM POWER AMPLIFIER CONTROL LOOP
There are four critical sections in the GSM Power Amplifier
Control Loop. The class-C R
F power amplifier provides am-
plification of the R
F signal. A directional coupler couples
small amount of R
F energy from the output of the RF P. A. to
an envelope detector diode. The detector diode senses the
signal level and rectifies it to a DC level to indicate the signal
strength at the antenna. An op-amp is used as an error
amplifier to process the diode voltage and ramping voltage.
This loop control the power amplifier gain via the op-amp
and forces the detector diode voltage and ramping voltage to
be equal. Power control is accomplished by changing the
ramping voltage.
The LMV710, LMV711 and LMV715 are well suited as an
error amplifier in this application. The LMV711 and LMV715
have an extra shutdown pin to switch the op-amp to shut-
down mode. In shutdown mode, the LMV711 and LMV715
consume very low current. The LMV711 provides a ground
voltage to the power amplifier control pin V
PC. Therefore, the
power amplifier can be turned off to save battery life. The
LMV715 output will be “tri-stated” when in shutdown.
10132506
FIGURE 9. Typical of GSM P.A. Control Loop
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com