Electronic Components Datasheet Search
  English  ▼

X  

CLC5612 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5612
Description  Dual, High Output, Programmable Gain Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5612 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC5612 Datasheet HTML 2Page - National Semiconductor (TI) CLC5612 Datasheet HTML 3Page - National Semiconductor (TI) CLC5612 Datasheet HTML 4Page - National Semiconductor (TI) CLC5612 Datasheet HTML 5Page - National Semiconductor (TI) CLC5612 Datasheet HTML 6Page - National Semiconductor (TI) CLC5612 Datasheet HTML 7Page - National Semiconductor (TI) CLC5612 Datasheet HTML 8Page - National Semiconductor (TI) CLC5612 Datasheet HTML 9Page - National Semiconductor (TI) CLC5612 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical Performance Characteristics (A
V = +2, RL= 100Ω,VS +5V
1,V
CM =VEE+(VS/2), RL tied to
VCM, unless specified) (Continued)
Gain Flatness & Linear Phase
Frequency (MHz)
10
20
30
0
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
Gain
Phase
DS015001-6
Frequency Response vs. V
o (AV =2)
Frequency (Hz)
1M
10M
100M
Vo = 2Vpp
Vo = 1Vpp
Vo = 0.1Vpp
Vo = 2.5Vpp
DS015001-7
Frequency Response vs. Vo (Av = 1)
Frequency (Hz)
1M
10M
100M
Vo = 2Vpp
Vo = 1Vpp
Vo = 0.1Vpp
Vo = 2.5Vpp
DS015001-8
Frequency Response vs. V
o (AV = −1)
Frequency (Hz)
1M
10M
100M
Vo = 2Vpp
Vo = 1Vpp
Vo = 0.1Vpp
Vo = 2.5Vpp
DS015001-9
PSRR & CMRR
Frequency (Hz)
1k
10k
100M
0
10
20
30
40
50
60
100k
1M
10M
PSRR
CMRR
DS015001-10
Equivalent Input Noise
Frequency (Hz)
3.6
3.5
3.4
3.3
3.2
3.1
10k
100k
1M
10M
3.0
Non-Inverting Current 7.6pA/
√Hz
Inverting Current 10.8pA/
√Hz
Voltage 3.1nV/
√Hz
11
15
7
3
DS015001-11
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com